Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD847SQ/883B Datasheet(PDF) 7 Page - Analog Devices

Part # AD847SQ/883B
Description  High Speed, Low Power Monolithic Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD847SQ/883B Datasheet(HTML) 7 Page - Analog Devices

Back Button AD847SQ/883B Datasheet HTML 3Page - Analog Devices AD847SQ/883B Datasheet HTML 4Page - Analog Devices AD847SQ/883B Datasheet HTML 5Page - Analog Devices AD847SQ/883B Datasheet HTML 6Page - Analog Devices AD847SQ/883B Datasheet HTML 7Page - Analog Devices AD847SQ/883B Datasheet HTML 8Page - Analog Devices AD847SQ/883B Datasheet HTML 9Page - Analog Devices AD847SQ/883B Datasheet HTML 10Page - Analog Devices AD847SQ/883B Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD847
REV. F
–7–
30
0
100M
15
10M
10
1M
25
20
5
INPUT FREQUENCY – Hz
R = 1k
L
Figure 14. Large Signal Frequency Response
–70
–130
100
100k
–90
–110
1k
10k
–80
–100
–120
FREQUENCY – Hz
3V RMS
R =1k
L
2ND HARMONIC
3RD HARMONIC
Figure 16. Harmonic Distortion vs. Frequency
450
150
140
300
200
–40
250
–60
400
350
120
80
60
40
100
20
0
–20
TEMPERATURE –
°C
Figure 18. Slew Rate vs. Temperature
100
0
100M
60
20
10k
40
1k
80
10M
1M
100k
FREQUENCY – Hz
V
=
±1V p-p
CM
Figure 13. Common-Mode Rejection vs. Frequency
10
–10
160
–4
–8
20
–6
0
2
–2
0
4
6
8
140
120
100
80
60
40
SETTLING TIME – ns
1%
0.1%
1%
0.1%
Figure 15. Output Swing and Error vs. Settling Time
50
0
10M
30
10
100
20
10
40
1M
100k
10k
1k
FREQUENCY – Hz
Figure 17. Input Voltage Noise Spectral Density


Similar Part No. - AD847SQ/883B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD847SQ/883B AD-AD847SQ/883B Datasheet
241Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
More results

Similar Description - AD847SQ/883B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD847 AD-AD847 Datasheet
241Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD847JNZ AD-AD847JNZ Datasheet
245Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD849 AD-AD849_15 Datasheet
251Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
AD848 AD-AD848 Datasheet
259Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
AD848JRZ AD-AD848JRZ Datasheet
220Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
AD848 AD-AD848_15 Datasheet
250Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
AD848 AD-AD848_17 Datasheet
283Kb / 9P
   High Speed, Low Power Monolithic Op Amp
AD847JRZ-REEL7 AD-AD847JRZ-REEL7 Datasheet
172Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD847JRZ AD-AD847JRZ Datasheet
172Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD847 AD-AD847_15 Datasheet
245Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com