Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8980501IA Datasheet(PDF) 7 Page - Analog Devices

Part # 5962-8980501IA
Description  Integrated Circuit True RMS-to-DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5962-8980501IA Datasheet(HTML) 7 Page - Analog Devices

Back Button 5962-8980501IA Datasheet HTML 3Page - Analog Devices 5962-8980501IA Datasheet HTML 4Page - Analog Devices 5962-8980501IA Datasheet HTML 5Page - Analog Devices 5962-8980501IA Datasheet HTML 6Page - Analog Devices 5962-8980501IA Datasheet HTML 7Page - Analog Devices 5962-8980501IA Datasheet HTML 8Page - Analog Devices 5962-8980501IA Datasheet HTML 9Page - Analog Devices 5962-8980501IA Datasheet HTML 10Page - Analog Devices 5962-8980501IA Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AD536A
Data Sheet
Rev. E | Page 6 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VIN 1
NC
2
–VS 3
CAV 4
+VS
14
NC
13
NC
12
NC
11
dB
5
COM
10
BUF OUT
6
RL
9
BUF IN
7
IOUT
8
NC = NO CONNECT
AD536A
TOP VIEW
(Not to Scale)
Figure 3. D-14 and Q-14 Packages Pin Configuration
Table 3. D-14 and Q-14 Packages Pin Function Descriptions
Pin No.
Mnemonic
Description
1
V
IN
Input Voltage
2
NC
No Connection
3
−V
S
Negative Supply Voltage
4
C
AV
Averaging Capacitor
5
dB
Log (dB) Value of the RMS Output Voltage
6
BUF OUT
Buffer Output
7
BUF IN
Buffer Input
8
I
OUT
RMS Output Current
9
R
L
Load Resistor
10
COM
Common
11
NC
No Connection
12
NC
No Connection
13
NC
No Connection
14
+V
S
Positive Supply Voltage
10
5
9
1
8
2
6
4
7
3
IOUT
–VS
VIN
CAV
+VS
dB
COM
BUF OUT
RL
BUF IN
AD536A
TOP VIEW
(Not to Scale)
Figure 4. H-10 Package Pin Configuration
Table 4. H-10 Package Pin Function Descriptions
Pin No.
Mnemonic
Description
1
R
L
Load Resistor
2
COM
Common
3
+V
S
Positive Supply Voltage
4
V
IN
Input Voltage
5
−V
S
Negative Supply Voltage
6
C
AV
Averaging Capacitor
7
dB
Log (dB) Value of the RMS Output Voltage
8
BUF OUT
Buffer Output
9
BUF IN
Buffer Input
10
I
OUT
RMS Output Current


Similar Part No. - 5962-8980501IA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-8980501IA AD-5962-8980501IA Datasheet
151Kb / 8P
   Integrated Circuit True RMS-to-DC Converter
REV. B
More results

Similar Description - 5962-8980501IA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD536A AD-AD536A_15 Datasheet
419Kb / 15P
   Integrated Circuit True RMS-to-DC Converter
Rev. F
AD536A AD-AD536A Datasheet
151Kb / 8P
   Integrated Circuit True RMS-to-DC Converter
REV. B
SSM2110 AD-SSM2110_15 Datasheet
3Mb / 11P
   TRUE RMS TO DC CONVERTER
logo
Cyrustek corporation
ES5 CYRUSTEK-ES5 Datasheet
471Kb / 8P
   True RMS-to-DC Converter
logo
National Semiconductor ...
LH0091 NSC-LH0091 Datasheet
126Kb / 6P
   LH0091 True RMS to DC Converter
logo
Burr-Brown (TI)
4341 BURR-BROWN-4341 Datasheet
331Kb / 4P
   LOW COST TRUE RMS-TO-DC CONVERTER
logo
Analog Devices
AD636 AD-AD636 Datasheet
157Kb / 8P
   Low Level, True RMS-to-DC Converter
REV. B
AD636 AD-AD636_15 Datasheet
677Kb / 17P
   Low Level, True RMS-to-DC Converter
Rev. E
AD636 AD-AD636_13 Datasheet
444Kb / 16P
   Low Level, True RMS-to-DC Converter
REV. E
logo
Cyrustek corporation
ES636 CYRUSTEK-ES636 Datasheet
227Kb / 13P
   True RMS-to-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com