Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

256FSC320XF1 Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 256FSC320XF1
Description  Photoflash aluminum electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

256FSC320XF1 Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  256FSC320XF1 Datasheet HTML 1Page - Illinois Capacitor, Inc. 256FSC320XF1 Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FSC
Photoflash aluminum electrolytic
Capacitors
FEATURES
High voltage Low Leakage low dissipation Factor
APPLICATIONS
Emergency lights Signal lights Mobile - applications
Operating Temperature Range
-20°C to +55°C
Capacitance Tolerance
-10 to+20% at 120 Hz, 25°C
WVDC
300
310
320
330
Surge Voltage
SVDC
320
335
335
350
Dissipation Factor
25°C, 120 Hz
tan δ
.08
Time
5 Minutes
Leakage Current
@25°C, Rated WVDC applied
1*C
5000 flashes at rated voltage applied & 5~35°C repeating every 30
seconds thru a Xe flash tube having a discharge resistance if 0.7~1.0Ω
Capacitance Change
<10% of initial measured value
Dissipation Factor
<150% of maximum specified value
Charge/Discharge
Leakage Current
<150% of maximum specified value
1000 hours at 70°C with no voltage applied
Capacitance Change
<10% initial measured value
Dissipation Factor
<150% of maximum specified value
Shelf Life
Leakage Current
<150% of maximum specified value
D
F1
F2
F3
d
0.5
0.5
0.6
S
5.5
6.2
10


Similar Part No. - 256FSC320XF1

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
256FSS300XEJ ILLINOISCAPACITOR-256FSS300XEJ Datasheet
401Kb / 3P
   Photoflash aluminum electrolytic Capacitors
256FSS300XF4BS ILLINOISCAPACITOR-256FSS300XF4BS Datasheet
401Kb / 3P
   Photoflash aluminum electrolytic Capacitors
256FSS300XFBF ILLINOISCAPACITOR-256FSS300XFBF Datasheet
401Kb / 3P
   Photoflash aluminum electrolytic Capacitors
256FSS300XY2JJ ILLINOISCAPACITOR-256FSS300XY2JJ Datasheet
401Kb / 3P
   Photoflash aluminum electrolytic Capacitors
256FSS300XY8BK ILLINOISCAPACITOR-256FSS300XY8BK Datasheet
401Kb / 3P
   Photoflash aluminum electrolytic Capacitors
More results

Similar Description - 256FSC320XF1

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
157FSL360XDE ILLINOISCAPACITOR-157FSL360XDE Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
337FSL450XEJ ILLINOISCAPACITOR-337FSL450XEJ Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
337FSB330XGBF ILLINOISCAPACITOR-337FSB330XGBF Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
337FSB360XGBG ILLINOISCAPACITOR-337FSB360XGBG Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
337FSL360XDP ILLINOISCAPACITOR-337FSL360XDP Datasheet
109Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
687FSB360XBJ ILLINOISCAPACITOR-687FSB360XBJ Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
687FSB360XEH ILLINOISCAPACITOR-687FSB360XEH Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
687FSB360XGEH ILLINOISCAPACITOR-687FSB360XGEH Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
107FSL360XCE ILLINOISCAPACITOR-107FSL360XCE Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
107FSL450XCF ILLINOISCAPACITOR-107FSL450XCF Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
157FSL360XBP ILLINOISCAPACITOR-157FSL360XBP Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com