Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

246FSC320XF2 Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 246FSC320XF2
Description  Photoflash aluminum electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

246FSC320XF2 Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  246FSC320XF2 Datasheet HTML 1Page - Illinois Capacitor, Inc. 246FSC320XF2 Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FSC
+55°C, photoflash dual
package
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
LC (µA)
20°C,
5 minutes
Dims DxL
(mm)
10
330
106FSC330XF1
11.79
10
0x14.2
12
330
126FSC330XF1
9.82
12
0x16.2
15
330
156FSC330XF1
7.86
15
0x18.2
18
330
186FSC330XF2
6.55
18
0x14.2
18
360
186FSC330XF1
6.55
18
0x21.2
20
320
206FSC320XF1
5.89
20
0x21.2
20
320
206FSC320XF2
5.89
20
0x14.2
22
320
226FSC320XF1
5.36
22
0x23.3
22
320
226FSC320XF2
5.36
22
0x16.2
22
330
226FSC330XF1
5.36
22
0x24.2
22
330
226FSC330XF2
5.36
22
0x16.2
22
330
226FSC330XF3
5.36
22
0x12.3
24
320
246FSC320XF1
4.91
24
0x24.7
24
320
246FSC320XF2
4.91
24
0x17.2
25
320
256FSC320XF1
4.72
25
0x25.2
25
320
256FSC320XF2
4.72
25
0x17.7
25
330
256FSC330XF1
4.72
25
0x28.5
25
330
256FSC330XF2
4.72
25
0x18.2
25
330
256FSC330XF3
4.72
25
0x14.3
28
320
286FSC320XF1
4.21
28
0x27.7
28
320
286FSC320XF2
4.21
28
0x19.2
28
320
286FSC320XF3
4.21
28
0x16.2
28
330
286FSC330XF1
4.21
28
0x30.2
28
330
286FSC330XF2
4.21
28
0x19.7
28
330
286FSC330XF3
4.21
28
0x15.5
30
320
306FSC320XF1
3.93
30
0x29.2
30
320
306FSC320XF2
3.93
30
0x29.2
30
320
306FSC320XF3
3.93
30
0x20.2
30
320
306FSC320XF3
3.93
30
0x17.2
30
330
306FSC330XF1
3.93
30
0x32.7
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
LC (µA)
20°C,
5 minutes
Dims DxL
(mm)
30
330
306FSC330XF2
3.93
30
0x21.2
30
330
306FSC330XF3
3.93
30
0x17.2
33
320
336FSC320XF1
3.57
33
0x32.2
33
320
336FSC320XF2
3.57
33
0x22.2
33
320
336FSC320XF3
3.57
33
0x18.2
33
330
336FSC330XF1
3.57
33
0x33.2
33
330
336FSC330XF2
3.57
33
0x22.7
33
330
336FSC330XF3
3.57
33
0x18.7
35
320
356FSC320XF1
3.37
35
0x32.2
35
320
356FSC320XF2
3.37
35
0x23.2
35
320
356FSC320XF3
3.37
35
0x20.2
35
330
356FSC330XF2
3.37
35
0x24.2
35
330
356FSC330XF3
3.37
35
0x20.2
38
330
386FSC330XF2
3.1
38
0x26.2
38
330
386FSC330XF3
3.1
38
0x24.2
40
320
406FSC320XF1
2.95
40
0x31.7
40
320
406FSC320XF2
2.95
40
0x24.7
40
320
406FSC320XF3
2.95
40
0x21.7
40
330
406FSC330XF2
2.95
40
0x27.7
40
330
406FSC330XF3
2.95
40
0x23.7
47
320
476FSC320XF2
2.51
47
0x28.2
47
320
476FSC320XF3
2.51
47
0x24.2
47
330
476FSC330XF2
2.51
47
0x30.2
47
330
476FSC330XF3
2.51
47
0x26.2
50
320
506FSC320XF2
2.36
50
0x29.7
50
320
506FSC320XF3
2.36
50
0x25.7
55
320
556FSC320XF2
2.14
55
0x32.2
55
320
556FSC320XF3
2.14
55
0x29.2
60
320
606FSC320XF2
1.96
60
0x33.7
60
320
606FSC320XF3
1.96
60
0x31.7


Similar Part No. - 246FSC320XF2

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
246 MKS-246 Datasheet
128Kb / 2P
   Power Supply Readouts
logo
Tyco Electronics
246-032 MACOM-246-032 Datasheet
644Kb / 12P
   240 Series DIN Panel Meters
246-034 MACOM-246-034 Datasheet
644Kb / 12P
   240 Series DIN Panel Meters
246-035 MACOM-246-035 Datasheet
644Kb / 12P
   240 Series DIN Panel Meters
246-036 MACOM-246-036 Datasheet
644Kb / 12P
   240 Series DIN Panel Meters
More results

Similar Description - 246FSC320XF2

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
157FSL360XDE ILLINOISCAPACITOR-157FSL360XDE Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
337FSL450XEJ ILLINOISCAPACITOR-337FSL450XEJ Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
337FSB330XGBF ILLINOISCAPACITOR-337FSB330XGBF Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
337FSB360XGBG ILLINOISCAPACITOR-337FSB360XGBG Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
337FSL360XDP ILLINOISCAPACITOR-337FSL360XDP Datasheet
109Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
687FSB360XBJ ILLINOISCAPACITOR-687FSB360XBJ Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
687FSB360XEH ILLINOISCAPACITOR-687FSB360XEH Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
687FSB360XGEH ILLINOISCAPACITOR-687FSB360XGEH Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
107FSL360XCE ILLINOISCAPACITOR-107FSL360XCE Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
107FSL450XCF ILLINOISCAPACITOR-107FSL450XCF Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
157FSL360XBP ILLINOISCAPACITOR-157FSL360XBP Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com