Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4IDCG Datasheet(PDF) 1 Page - Crydom Inc.,

Part # C4IDCG
Description  I/O Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

C4IDCG Datasheet(HTML) 1 Page - Crydom Inc.,

  C4IDCG Datasheet HTML 1Page - Crydom Inc., C4IDCG Datasheet HTML 2Page - Crydom Inc., C4IDCG Datasheet HTML 3Page - Crydom Inc., C4IDCG Datasheet HTML 4Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
C4 SERIES INPUT MODULES
• Plug into mounting boards for C4 Series modules
• AC Inputs (Yellow Case)
• DC Inputs (White Case)
• 4kV Optical isolation
• Open-collector Output
• Industry standard packaging
• Built-in LED Status Indicator
SPECIFICATIONS (1)
Input
Part Number
C4IAC
C4IACA
C4IDC
Voltage Range
90-140 VAC
180-280 VAC
10-32 VDC
Maximum Current [mA](2)
14
5
20
Resistance [Ohms](3)(4)
22 k
75 k
2 k
Drop-out Current [mA](5)
3
1
1.5
Allowable Voltage for No Output [VAC/VDC](6)
50
50
3.0
Allowable Current for No Output [mA](6)
2.5
0.7
1.0
Output
Maximum Logic Supply Voltage[VDC]
30
30
30
Maximum Output Voltage Drop [VDC](7)
0.2
0.2
0.2
Minimum Logic Supply Voltage [VDC]
4.5
4.5
4.5
Logic Supply Voltage Range [VDC]
4.5-30
4.5-30
4.5-30
Maximum Current [mA](8)
50
50
50
Maximum Logic Supply Current [mA](9)
25.0
25.0
25.0
Maximum Logic Supply Leakage Current [µA]10)
10.0
10.0
10.0
Maximum Supply Idle Current [µA](11)
10.0
10.0
10.0
Maximum Turn-On Time [msec] (12)
20
20
5.0
Maximum Turn-Off Time [msec] (12)
20
20
5.0
SPECIFICATIONS (1)
Input
Part Number
C4IDCB
C4IDCG
C4IDCK
Voltage Range
4-16 VDC
35-60 VDC
2.5-16 VDC
Maximum Current [mA](2)
40
10
60
Resistance [Ohms](3)(4)
400
10 k
300
Drop-out Current [mA](5)
2
1
2
Allowable Voltage for No Output [VAC/VDC](6)
1
7
1
Allowable Current for No Output [mA](6)
0.7
0.7
0.2
Output
Maximum Logic Supply Voltage[VDC]
30
30
30
Maximum Output Voltage Drop [VDC](7)
0.2
0.2
0.2
Minimum Logic Supply Voltage [VDC]
4.5
4.5
4.5
Logic Supply Voltage Range [VDC]
4.5-30
4.5-30
4.5-30
Maximum Current [mA](8)
50
50
50
Maximum Logic Supply Current [mA](9)
25.0
25.0
25.0
Maximum Logic Supply Leakage Current [µA]10)
10.0
10.0
10.0
Maximum Supply Idle Current [µA](11)
10.0
10.0
10.0
Maximum Turn-On Time [msec] (12)
0.05
10.0
0.025
Maximum Turn-Off Time [msec] (12)
0.1
10.0
0.025


Similar Part No. - C4IDCG

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
C4IDC CRYDOM-C4IDC Datasheet
1Mb / 4P
   I/O Modules
logo
Sensata Technologies, I...
C4IDC SENSATA-C4IDC Datasheet
349Kb / 3P
   I/O MODULES
More results

Similar Description - C4IDCG

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
PB-8M CRYDOM-PB-8M Datasheet
1Mb / 3P
   I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
   I/O Modules
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
   I/O Modules
M_INPUT CRYDOM-M_INPUT Datasheet
456Kb / 4P
   I/O Modules
PB4 CRYDOM-PB4 Datasheet
350Kb / 3P
   I/O Modules
logo
Balluff Korea Ltd.
BNI00F4 BALLUFF-BNI00F4 Datasheet
132Kb / 2P
   I/O modules
BNI0041 BALLUFF-BNI0041 Datasheet
118Kb / 2P
   I/O modules
0.46_2021-08-25
logo
Crydom Inc.,
PB4C4 CRYDOM-PB4C4 Datasheet
352Kb / 3P
   I/O Modules
C4_OUTPUT CRYDOM-C4_OUTPUT Datasheet
1Mb / 4P
   I/O Modules
M_OUTPUT CRYDOM-M_OUTPUT Datasheet
1Mb / 5P
   I/O Modules
PB-8SM CRYDOM-PB-8SM Datasheet
1Mb / 3P
   I/O Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com