Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MPSA06 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. MPSA06
Description  NPN General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MPSA06 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MPSA06 Datasheet HTML 1Page - Fairchild Semiconductor MPSA06 Datasheet HTML 2Page - Fairchild Semiconductor MPSA06 Datasheet HTML 3Page - Fairchild Semiconductor MPSA06 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NPN General Purpose Amplifier
(continued)
Typical Characteristics (continued)
Collector-Cutoff Current
vs. Ambient Temperature
P33
25
50
75
100
125
0.001
0.01
0.1
1
10
T - AMBIENT TEMPERATURE ( C)
A
º
V
= 80 V
CB
Base-Emitter Saturation
Voltage vs Collector Current
0.1
1
10
100
1000
0.4
0.6
0.8
1
I - COLLECTOR CURRENT (mA)
C
ββ = 10
- 40 ºC
25 °C
125 °C
Base Emitter ON Voltage vs
Collector Current
P33
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
I - COLLECTOR CURRENT (mA)
C
V
= 5V
CE
- 40 ºC
25 °C
125 °C
Collector Saturation Region
4000
10000
20000
30000
50000
0
0.5
1
1.5
2
I - BASE CURRENT (uA)
B
10 mA
100 mA
1 mA
T
= 25°C
I
=
C
A
Collector-Emitter Breakdown
Voltage with Resistance
Between Emitter-Base
0.1
1
10
100
1000
111
112
113
114
115
116
117
RESISTANCE (k )
Input and Output Capacitance
vs Reverse Voltage
0.1
1
10
100
0.1
1
10
100
V
- COLLECTOR VOLTAGE(V)
C
f = 1.0 MHz
CE
C
ob
ib


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
2N3704_02 NPN General Purpose Amplifier 1  2  3  Fairchild Semiconductor
2N5172_01 NPN General Purpose Amplifier 1  2  3  4  5  More Fairchild Semiconductor
2N5962_01 NPN General Purpose Amplifier 1  2  3  4  5  More Fairchild Semiconductor
FMB5551_04 NPN General Purpose Amplifier SuperSOT-6 Surface Mount Package 1  2  3  Fairchild Semiconductor
2N3859A_02 NPN General Purpose Amplifier 1  2  3  Fairchild Semiconductor
2N5307_02 NPN General Purpose Amplifier 1  2  3  4  Fairchild Semiconductor
BCP54_00 NPN General Purpose Amplifier 1  2  3  4  5  More Fairchild Semiconductor
MPS8098_01 NPN General Purpose Amplifier 1  2  3  4  5  More Fairchild Semiconductor
2N5551 NPN General Purpose Amplifier 1  2  3  4  5  Fairchild Semiconductor
2N3903_01 NPN General Purpose Amplifier 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn