Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

476CKE063M Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 476CKE063M
Description  105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

476CKE063M Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  476CKE063M Datasheet HTML 1Page - Illinois Capacitor, Inc. 476CKE063M Datasheet HTML 2Page - Illinois Capacitor, Inc. 476CKE063M Datasheet HTML 3Page - Illinois Capacitor, Inc. 476CKE063M Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CKH_CKE +105°C, Extended life 2000
hour
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
4700
16
478CKE016M
0.0741
1510
16x25
4700
25
478CKE025M
0.081
1740
16x31.5
4700
25
478CKH025M
0.081
1780
18x31.5
4700
25
478CKE025MQV
0.081
1570
16x25
4700
35
478CKE035M
0.0706
2110
18x35.5
4700
35
478CKE035MQY
0.0706
1780
16x35.5
6800
6.3
688CKE6R3M
0.0585
1500
12.5x25
6800
10
688CKE010M
0.0488
1600
16x25
6800
16
688CKE016M
0.071
1860
16x31.5
6800
16
688CKE016MQV
0.071
1600
16x25
6800
25
688CKE025M
0.0658
2170
18x35.5
6800
25
688CKE025MQY
0.0658
1850
16x35.5
6800
35
688CKE035M
0.0585
2000
18x40
10000
6.3
109CKH6R3M
0.07
1730
16x31.5
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
10000
6.3
109CKE6R3M
0.0398
1660
16x25
10000
10
109CKE010MLQ
0.063
1820
16x31.5
10000
10
109CKH010M
0.063
2030
18x35.5
10000
10
109CKE010M
0.063
2040
16x35.5
10000
16
109CKE016M
0.058
1960
18x35.5
10000
16
109CKE016MQY
0.058
1930
16x35.5
10000
25
109CKE025M
0.0547
2000
18x40
15000
6.3
159CKE6R3M
0.0575
2140
16x35.5
15000
6.3
159CKE6R3MQW
0.0575
1820
16x31.5
15000
10
159CKE010M
0.0531
2370
18x35.5
15000
10
159CKE010MQY
0.0531
2050
16x35.5
15000
16
159CKE016M
0.0497
2210
18x40
22000
6.3
229CKE6R3MRY
0.0497
2280
18x35.5
22000
10
229CKE010M
0.0467
2420
18x40


Similar Part No. - 476CKE063M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476CKE063M ILLINOISCAPACITOR-476CKE063M Datasheet
138Kb / 6P
   105째C General Purpose Aluminum Electrolytic Capacitors
476CKE063M ILLINOISCAPACITOR-476CKE063M Datasheet
310Kb / 3P
   Extended life 2000 hour
476CKE063M ILLINOISCAPACITOR-476CKE063M Datasheet
304Kb / 3P
   Small size - High voltage - General purpose
476CKE063M ILLINOISCAPACITOR-476CKE063M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
476CKE063M ILLINOISCAPACITOR-476CKE063M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
More results

Similar Description - 476CKE063M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
517D VISHAY-517D_V01 Datasheet
117Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
01-Jan-2022
517D VISHAY-517D Datasheet
103Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 07-Nov-06
logo
Illinois Capacitor, Inc...
104CKR050M ILLINOISCAPACITOR-104CKR050M_13 Datasheet
506Kb / 4P
   85C General Purpose Radial Lead Aluminum Electrolytic Capacitors
474KXM100M ILLINOISCAPACITOR-474KXM100M_13 Datasheet
477Kb / 3P
   105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
511D VISHAY-511D Datasheet
268Kb / 6P
   Aluminum Capacitors General Purpose, Miniature, Radial Lead
Revision: 22-Jul-08
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com