Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

476CKS063M Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 476CKS063M
Description  85C General Purpose Radial Lead Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

476CKS063M Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  476CKS063M Datasheet HTML 1Page - Illinois Capacitor, Inc. 476CKS063M Datasheet HTML 2Page - Illinois Capacitor, Inc. 476CKS063M Datasheet HTML 3Page - Illinois Capacitor, Inc. 476CKS063M Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CKR_CKS
+85°C, Standard 2000 hour
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
100
250
107CKS250MQV
2.487
440
16x25
100
350
107CKS350M
3.316
550
18x35.5
100
400
107CKS400M
3.316
570
18x35.5
100
450
107CKS450M
3.316
550
18x40
150
10
157CKR010M
2.1
188
6.3x11
150
25
157CKR025M
1.547
258
8x11.5
150
35
157CKR035M
1.326
291
10x12.5
150
50
157CKR050M
1.105
330
10x16
150
100
157CKR100M
0.884
425
12.5x20
220
10
227CKS010M
1.432
250
5x11
220
16
227CKS016M
1.206
310
6.3x11
220
25
227CKS025MGM
1.055
280
6.3x11
220
25
227CKR025M
1.055
390
8x11.5
220
35
227CKR035M
0.904
450
10x12.5
220
35
227CKS035M
1.055
420
8x11.5
220
50
227CKR050M
0.754
540
10x16
220
50
227CKS050M
0.754
490
10x12.5
220
63
227CKR063M
0.754
600
10x20
220
63
227CKS063M
0.754
540
10x16
220
100
227CKS100M
0.603
790
12.5x25
220
100
227CKR100M
0.603
790
16x25
220
100
227CKS100MNU
0.603
550
12.5x20
220
160
227CKS160MQW
1.13
580
16x31.5
220
200
227CKS200M
1.13
700
16x35.5
220
250
227CKS250M
1.13
680
18x35.5
330
10
337CKS010M
1.005
350
6.3x11
330
16
337CKS016MGM
0.804
320
6.3x11
330
25
337CKS025M
0.703
480
8x11.5
330
35
337CKS035M
0.603
550
10x12.5
330
50
337CKR050M
0.5024
730
10x20
330
50
337CKS050M
0.5024
670
10x16
330
63
337CKS063M
0.5024
730
10x20
330
100
337CKS100M
0.402
960
12.5x25
330
100
337CKR100M
0.402
970
16x25
330
160
337CKS160M
0.7536
800
18x35.5
330
200
337CKS200M
0.7536
950
18x40
470
10
477CKS010M
0.67
420
6.3x11
470
16
477CKS016M
0.564
540
8x11.5
470
25
477CKS025M
0.494
600
10x12.5
470
35
477CKS035M
0.423
720
10x16
470
50
477CKS050M
0.3527
820
10x20
470
50
477CKR050M
0.353
930
12.5x20
470
63
477CKR063M
0.353
1030
12.5x25
470
63
477CKS063M
0.3527
930
12.5x20
470
100
477CKS100M
0.282
1160
16x25
680
16
687CKR016M
0.39
596
10x16
680
35
687CKR035M
0.293
770
12.5x20
680
50
687CKR050M
0.244
810
12.5x25
1000
6.3
108CKS6R3M
0.365
670
8x11.5
1000
10
108CKS010M
0.315
760
10x12.5
1000
16
108CKS016MLN
0.3316
700
10x12.5
1000
16
108CKS016M
0.3316
920
10x16
1000
25
108CKS025MLQ
0.232
890
10x16
1000
25
108CKS025M
0.232
1080
10x20
1000
25
108CKR025M
0.232
1150
12.5x20
1000
35
108CKR035M
0.199
1370
12.5x25
1000
35
108CKS035M
0.199
1240
12.5x20
1000
50
108CKS050M
0.166
1500
12.5x25
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
1000
50
108CKR050M
0.166
1510
16x25
1000
63
108CKS063M
0.166
1510
16x25
1000
63
108CKR063M
0.166
1670
16x31.5
1000
100
108CKS100MRY
0.133
1350
18x35.5
1500
10
158CKS010M
0.232
897
10x16
1500
16
158CKS016M
0.199
1075
10x20
1500
25
158CKS025M
0.177
1340
12.5x20
1500
35
158CKS035M
0.155
1590
12.5x25
1500
35
158CKR035M
0.155
1110
16x25
1500
50
158CKS050M
0.133
1650
16x31.5
2200
6.3
228CKS6R3M
0.196
1110
10x16
2200
10
228CKS010MLQ
0.173
990
10x16
2200
10
228CKS010M
0.173
1310
10x20
2200
16
228CKS016M
0.151
1510
12.5x20
2200
16
228CKS016MLU
0.151
1010
10x20
2200
25
228CKS025M
0.136
1760
12.5x25
2200
25
228CKR025M
0.1356
1770
16x25
2200
35
228CKR035M
0.1206
2090
16x31.5
2200
35
228CKS035M
0.121
1890
16x25
2200
50
228CKS050M
0.106
2390
16x35.5
2200
50
228CKS050MQW
0.106
1980
16x31.5
2200
50
228CKR050M
0.1055
2550
18x35.5
2200
63
228CKS063M
0.106
2300
18x35.5
3300
6.3
338CKR6R3M
0.1407
1380
12.5x20
3300
6.3
338CKS6R3M
0.1407
1440
10x20
3300
10
338CKS010M
0.1206
1630
12.5x20
3300
10
338CKR010M
0.1256
1800
12.5x25
3300
16
338CKR016M
0.1105
1940
16x25
3300
16
338CKS016M
0.1105
1930
12.5x25
3300
25
338CKS025M
0.703
2040
16x25
3300
35
338CKS035MQW
0.0904
2100
16x31.5
3300
35
338CKS035M
0.0904
2530
16x35.5
3300
35
338CKR035M
0.0904
2700
18x35.5
3300
50
338CKS050M
0.0804
2890
18x35.5
4700
6.3
478CKS6R3M
0.106
1730
12.5x20
4700
10
478CKS010M
0.095
2020
12.5x25
4700
16
478CKS016M
0.085
2160
16x25
4700
25
478CKR025M
0.0776
2810
18x35.5
4700
25
478CKS025MQV
0.078
2200
16x25
4700
25
478CKS025M
0.078
2500
16x31.5
4700
35
478CKS035MQY
0.071
2500
16x35.5
4700
35
478CKS035M
0.071
2960
18x35.5
6800
6.3
688CKS6R3M
0.083
2160
12.5x25
6800
10
688CKS010M
0.076
2270
16x25
6800
16
688CKS016MQV
0.068
2250
16x25
6800
16
688CKS016M
0.068
2600
16x35.5
6800
16
688CKR016M
0.0683
2980
18x35.5
6800
25
688CKS025M
0.063
2880
18x35.5
6800
25
688CKS025MQY
0.063
2600
16x35.5
6800
35
688CKS035M
0.0585
2800
18x40
10000
6.3
109CKS6R3M
0.066
2330
16x25
10000
10
109CKS010MQW
0.061
2550
16x31.5
10000
16
109CKS016M
0.056
3230
18x35.5
10000
16
109CKS016MQY
0.056
2710
16x35.5
10000
25
109CKS025M
0.053
2800
18x40
15000
6.3
159CKS6R3M
0.051
3050
16x35.5
15000
6.3
159CKS6R3MQW
0.051
2550
16x31.5
15000
10
159CKS010MQY
0.052
2880
16x35.5


Similar Part No. - 476CKS063M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476CKS063M ILLINOISCAPACITOR-476CKS063M Datasheet
134Kb / 5P
   85째C General Purpose Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
476CKS063M ETC2-476CKS063M Datasheet
464Kb / 3P
   Small size - High voltage - General purpose
logo
Illinois Capacitor, Inc...
476CKS063M ILLINOISCAPACITOR-476CKS063M Datasheet
287Kb / 3P
   Small size - High voltage - General purpose
476CKS063M ILLINOISCAPACITOR-476CKS063M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
476CKS063M ILLINOISCAPACITOR-476CKS063M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
More results

Similar Description - 476CKS063M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474TTA100M ILLINOISCAPACITOR-474TTA100M_13 Datasheet
352Kb / 3P
   85C General Purpose Axial Lead Aluminum Electrolytic Capacitors
104CKH050M ILLINOISCAPACITOR-104CKH050M_13 Datasheet
541Kb / 4P
   105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
105RSS050M ILLINOISCAPACITOR-105RSS050M_13 Datasheet
514Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
474BPS050M ILLINOISCAPACITOR-474BPS050M_13 Datasheet
246Kb / 2P
   85C Non-polar Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M_13 Datasheet
272Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
511D VISHAY-511D Datasheet
268Kb / 6P
   Aluminum Capacitors General Purpose, Miniature, Radial Lead
Revision: 22-Jul-08
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com