Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSD601RT1 Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MSD601RT1
Description  NPN General Purpose Amplifier Transistors Surface Mount 
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MSD601RT1 Datasheet(HTML) 1 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
NPN General Purpose Amplifier
Transistors Surface Mount
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Value
Unit
Collector–Base Voltage
V(BR)CBO
60
Vdc
Collector–Emitter Voltage
V(BR)CEO
50
Vdc
Emitter–Base Voltage
V(BR)EBO
7.0
Vdc
Collector Current — Continuous
IC
100
mAdc
Collector Current — Peak
IC(P)
200
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Power Dissipation
PD
200
mW
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
– 55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Characteristic
Symbol
Min
Max
Unit
Collector–Emitter Breakdown Voltage (IC = 2.0 mAdc, IB = 0)
V(BR)CEO
50
Vdc
Collector–Base Breakdown Voltage (IC = 10 µAdc, IE = 0)
V(BR)CBO
60
Vdc
Emitter–Base Breakdown Voltage (IE = 10 µAdc, IC = 0)
V(BR)EBO
7.0
Vdc
Collector–Base Cutoff Current (VCB = 45 Vdc, IE = 0)
ICBO
0.1
µAdc
Collector–Emitter Cutoff Current (VCE = 10 Vdc, IB = 0)
ICEO
100
nAdc
DC Current Gain(1)
(VCE = 10 Vdc, IC = 2.0 mAdc)
MSD601–RT1
MSD601–ST1
(VCE = 2.0 Vdc, IC = 100 mAdc)
hFE1
hFE2
210
290
90
340
460
Collector–Emitter Saturation Voltage (IC = 100 mAdc, IB = 10 mAdc)
VCE(sat)
0.5
Vdc
1. Pulse Test: Pulse Width
≤ 300 µs, D.C. ≤ 2%.
DEVICE MARKING
Marking Symbol
YRX
MSD601–RT1
YSX
MSD601–ST1
The “X” represents a smaller alpha digit Date Code. The Date Code indicates the actual month
in which the part was manufactured.
Thermal Clad is a trademark of the Bergquist Company
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MSD601–RT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1996
MSD601-RT1
MSD601-ST1
*Motorola Preferred Device
*
CASE 318D–03, STYLE 1
SC–59
2
1
3
COLLECTOR
3
2
BASE
1
EMITTER
REV 2


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn