Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

475PGM050M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 475PGM050M
Description  105C, 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

475PGM050M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  475PGM050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 475PGM050M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3757 W. Touhy Ave., Lincolnwood, Il 60712
● (847)675-1760● Fax (847) 675-2850 ● www.illcap.com
PGM
+105°C, 7mm Height Low Profile
Radial Lead Aluminum Electrolytic
Capacitors
Features
Standard case sizes
Low Profile
Lead free leads
Applications
Bypass
Filtering
Coupling
De-coupling
Specifications
Operating Temperature
Range
-55°C to +105°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
WVDC
6.3
10
16
25
35
50
Surge
voltage
SVDC
7.9
13
20
32
44
63
WVDC
6.3
10
16
25
35
50
Dissipation
Factor
Tan
δ
.24
.2
.16
.14
.12
.1
2 Minutes
Leakage current
.01CV or 3uA,Whichever is greater
WVDC
6.3
10
16
25
35
50
-25°C to +20°C
3
2
2
2
2
2
Low
temperature
stability
Impedance ratio
(120 Hz)
-40°C to +20°C
6
5
4
3
3
3
1000 hours at 105°C with rated WVDC and ripple current applied
Capacitance change
<20% of initial measured value
Dissipation factor
<150% of maximum specified value
Load Life
Leakage current
>100% of maximum specified value
1000 hours at 105°C with no voltage applied
Capacitance change
<20% initial measured value
Dissipation factor
<200% of maximum specified value
Shelf Life
Leakage current
>100% of maximum specified value
Frequency (Hz)
Temperature (°C)
50
120
400
1k
10k
100k
+105
+85
+60
Ripple Current Multipliers
.8
1.0
1.3
1.45
1.65
1.7
1.0
1.4
1.75
D
5
6.3
8
S
2.0
2.5
3.5
d
0.5
0.5
0.6
L1=L+1.5mm Max.
mm
D1=D+0.5mm Max.
S1=S+0.5 mm


Similar Part No. - 475PGM050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
475PGM050M ILLINOISCAPACITOR-475PGM050M Datasheet
414Kb / 2P
   105째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
475PGM050M ILLINOISCAPACITOR-475PGM050M Datasheet
214Kb / 2P
   7mm Height, General Purpose, 1000 hours
475PGM050M ILLINOISCAPACITOR-475PGM050M Datasheet
209Kb / 2P
   Small size ??7mm Height
475PGM050M ILLINOISCAPACITOR-475PGM050M Datasheet
132Kb / 1P
   Radial Lead Low Profile
More results

Similar Description - 475PGM050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
475PUM050M ILLINOISCAPACITOR-475PUM050M Datasheet
91Kb / 2P
   85째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
104PGM050M ILLINOISCAPACITOR-104PGM050M Datasheet
414Kb / 2P
   105째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M_13 Datasheet
656Kb / 3P
   105C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104STF050M ILLINOISCAPACITOR-104STF050M Datasheet
174Kb / 2P
   105C, 5mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
104PLM050M ILLINOISCAPACITOR-104PLM050M Datasheet
414Kb / 2P
   85째C 7mm Height Low-Leakage Radial Lead Aluminum Electrolytic Capacitors
477JZM016M ILLINOISCAPACITOR-477JZM016M_13 Datasheet
184Kb / 2P
   105C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
474PBM050M ILLINOISCAPACITOR-474PBM050M Datasheet
413Kb / 2P
   85째C Non-Polar 7mm Height Radial Lead Aluminum Electrolytic Capacitors
475PUM050M ILLINOISCAPACITOR-475PUM050M_13 Datasheet
186Kb / 2P
   85C Low Profile, 7mm Height Aluminum Electrolytic Capacitors
104SVF050M ILLINOISCAPACITOR-104SVF050M_16 Datasheet
249Kb / 2P
   5mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
474RZM050M ILLINOISCAPACITOR-474RZM050M_13 Datasheet
686Kb / 3P
   105C High Frequency Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com