Electronic Components Datasheet Search |
|
ADF02T Datasheet(PDF) 31 Page - Tyco Electronics |
|
ADF02T Datasheet(HTML) 31 Page - Tyco Electronics |
31 / 326 page B Slide Switches B3 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Slide Switch Selection Guide PRODUCT LINE FEATURES • One of the broadest lines in the industry. • Gold or silver plating available in most series. • One to six pole configurations. • Wave solderable, washable, and surface mount versions. • Current ratings from 0.4V @ 20VDC to 3A @ 115VAC. • Rocker (butt), shoe and bifurcated contact mechanisms. • Miniature and sub-miniature case sizes. • Vertical and RA actuator styles. CIRCUITRY SERIES TERMINATION CONTACT RATING/PLATING ACTUATION LIFE EXPECTANCY SPST TSS P.C. .4VA/GOLD STANDARD/FLUSH 80K CYCLES SPDT MHS P.C./RIGHT ANGLE .4VA/GOLD:300mA/SILVER STANDARD/BATON 15K CYCLES MLL SURFACE MOUNT 0.3A @ 4 VDC/SILVER RIGHT ANGLE 10K CYCLES MMS P.C. 100MA/SILVER STANDARD 10K CYCLES MSS P.C./RIGHT ANGLE .4VA/GOLD:300MA/SILVER STANDARD 15K CYCLES MSSAHH1 P.C./RIGHT ANGLE .4VA/GOLD STANDARD 30K CYCLES MSSAHH4 P.C./RIGHT ANGLE 3A/SILVER STANDARD 30K CYCLES SDS P.C./RIGHT ANGLE 300mA @ 125VAC/SILVER STANDARD 10K CYCLES SE, S P.C./RIGHT ANGLE/SMT .4VA/GOLD STANDARD 6K CYCLES SL P.C. 250mA/SILVER STANDARD 6K CYCLES SLS P.C./RIGHT ANGLE 250mA/SILVER STANDARD 6K CYCLES SLS/A P.C. 500mA/SILVER STANDARD 10K CYCLES SSA P.C. 100mA/SILVER:.4VA/GOLD STANDARD 10K CYCLES SSB P.C./RIGHT ANGLE 100MA/SILVER:.4VA/GOLD STANDARD 10K CYCLES SSJ P.C./RIGHT ANGLE 100mA/SILVER STANDARD 10K CYCLES STS P.C./RIGHT ANGLE 300mA/SILVER STANDARD 10K CYCLES TSS P.C./RIGHT ANGLE .4VA/GOLD STANDARD/FLUSH 60-80K CYCLES SP3T MHS P.C./RIGHT ANGLE 300MA/SILVER:.4VA/GOLD STANDARD/BATON 15K CYCLES MLL SURFACE MOUNT 0.3A @ 4 VDC/SILVER RIGHT ANGLE 10K CYCLES MSS P.C./RIGHT ANGLE 300mA/SILVER:.4VA/GOLD STANDARD 15K CYCLES MSSA P.C./RIGHT ANGLE 300MA/SILVER:.4VA/GOLD STANDARD 15K CYCLES SDS P.C./RIGHT ANGLE 300mA @ 125VAC/SILVER STANDARD 10K CYCLES SL P.C. 250mA/SILVER STANDARD 6K CYCLES SLS P.C./RIGHT ANGLE 250MA/SILVER STANDARD 6K CYCLES SSJ P.C. 100mA/SILVER STANDARD 10K CYCLES STS P.C./RIGHT ANGLE 300mA/SILVER STANDARD 10K CYCLES SP4T MSS P.C. 300mA/SILVER:.4VA/GOLD STANDARD 15K CYCLES MSSA P.C./RIGHT ANGLE 300mA/SILVER:.4VA/GOLD STANDARD 15K CYCLES SLS P.C./RIGHT ANGLE 250mA/SILVER STANDARD 6K CYCLES STS P.C./RIGHT ANGLE 300mA/SILVER STANDARD 10K CYCLES SP5T SL P.C. 250mA/SILVER STANDARD 6K CYCLES SLS P.C./RIGHT ANGLE 250mA/SILVER STANDARD 6K CYCLES STS P.C./RIGHT ANGLE 300mA/SILVER STANDARD 10K CYCLES SP6T SL P.C. 250mA/SILVER STANDARD 6K CYCLES STS P.C./RIGHT ANGLE 300mA/SILVER STANDARD 10K CYCLES SP7T SL P.C. 250mA/SILVER STANDARD 6K CYCLES SP8T SL P.C. 250mA/SILVER STANDARD 6K CYCLES SP10T SL P.C. 250mA/SILVER STANDARD 6K CYCLES DPST TSS P.C. .4VA/GOLD STANDARD/FLUSH 80K CYCLES DPDT ASE/F P.C./RIGHT ANGLE/SMT .4VA/GOLD:300mA SILVER STANDARD/FLUSH 10K CYCLES CSS P.C. 300mA/SILVER BATON 15K CYCLES CST P.C. 300mA/SILVER BATON 15K CYCLES MHS P.C./RIGHT ANGLE 300mA/SILVER:.4VA/GOLD STANDARD/BATON 15K CYCLES MMS P.C./RIGHT ANGLE 100mA/SILVER STANDARD 10K CYCLES MSS P.C./RIGHT ANGLE 300mA/SILVER:.4VA/GOLD STANDARD 15K CYCLES MSSA21 P.C./RIGHT ANGLE .4VA/GOLD STANDARD 30K CYCLES |
Similar Part No. - ADF02T |
|
Similar Description - ADF02T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |