Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRG2512J100K Datasheet(PDF) 3 Page - Tyco Electronics

Part # CRG2512J100K
Description  Type CRG Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CRG2512J100K Datasheet(HTML) 3 Page - Tyco Electronics

  CRG2512J100K Datasheet HTML 1Page - Tyco Electronics CRG2512J100K Datasheet HTML 2Page - Tyco Electronics CRG2512J100K Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Performance Characteristics
The evaluation of the performance characteristics is carried out with reference
to IECQ specifications QC 400 000 and QC 400 100.
Storage
Unopened reels should be stored within a temperature range of +5 °C to +25 °C, separated from any dust,
chemicals and solvent based materials. Non-adherence to this procedure could effect the solderability of
this product.
TEST REF
Long Term Tests ±(3% + 0.1 ohm)
4.23
Climatic sequence
4.24
Damp heat, steady state
4.25.1
Endurance at 70 °C
4.25.3
Endurance at 125 °C
TEST REF
Short Term Tests ±(1% + 0.05 ohm)
4.13
Overload
4.32
Adhesion
4.33
Bond strength of end face plating
4.19
Rapid change of temperature
4.18
Resistance to soldering heat
Mounting
The resistors are suitable for processing on automatic insertion equipment.
Marking
CRG0805, CRG1206, CRG2010, CRG2512
E24 series resistors are marked with a three digit code.
E96 series resistors are marked with a four digit code.
Zerohm components are marked '0'.
CRG0603
E24 5% series are marked with a three digit code.
E24 1% series are marked with a three digit code.
E96 series are marked with the international alphanumeric three character code (available on request).
EXCEPT 10, 11, 13, 15, 20 & 75 decades which are marked as the E24 series.
CRG0201 & CRG0402 series unmarked.
How to Order
CRG
0603
J
1K0
Common Part
0201
0402
0603
0805
1206
2512
Size
F - ±1%
J - ±5%
Tolerance
Resistance Value
CRG - Thick Film
Chip Resistor
1 ohm
(1 ohm) 1R0
1K ohm
(1000 ohms) 1K
100K ohm
(100000 ohms) 100K
1M ohm
(1000000 ohms) 1M
Derating Curve
0
20
40
60
80
100
120
140
Ambient Temperature (°C)
100
80
60
40
20
0
Thick Film Chip Resistors
Type CRG Series
TE Connectivity, TE connectivity (logo) and TE (logo) are trademarks.
Other logos, product and Company names mentioned herein may be trademarks of their respective owners.
While TE has made every reasonable effort to ensure the accuracy of the information in this datasheet, TE does not guarantee that it is error-free, nor does TE make any other
representation, warranty or guarantee that the information is accurate, correct, reliable or current. TE reserves the right to make any adjustments to the information contained herein
at any time without notice. TE expressly disclaims all implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantabili-
ty or fitness for a particular purpose. The dimensions in this datasheet are for reference purposes only and are subject to change without notice. Specifications are subject to change
without notice. Consult TE for the latest dimensions and design specifications.


Similar Part No. - CRG2512J100K

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CRG2512J100K MACOM-CRG2512J100K Datasheet
131Kb / 3P
   Thick Film Chip Resistors
CRG2512J100K MACOM-CRG2512J100K Datasheet
131Kb / 3P
   Thick Film Chip Resistors
CRG2512J100K MACOM-CRG2512J100K Datasheet
131Kb / 3P
   Type CRG Series
More results

Similar Description - CRG2512J100K

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CRG0603F10K MACOM-CRG0603F10K Datasheet
131Kb / 3P
   Type CRG Series
logo
M/A-COM Technology Solu...
1623535-1 MA-COM-1623535-1 Datasheet
131Kb / 3P
   Type CRG Series
logo
Freescale Semiconductor...
MC9S12XD256CAL FREESCALE-MC9S12XD256CAL Datasheet
7Mb / 1348P
   This specification describes the function of the clocks and reset generator (CRG).
logo
DB Lectro Inc
320 DBLECTRO-320 Datasheet
323Kb / 1P
   SCREW TYPE SERIES
logo
Tyco Electronics
HB15M0FZRE MACOM-HB15M0FZRE Datasheet
111Kb / 2P
   Type HB Series
SQMW533RJ MACOM-SQMW533RJ Datasheet
250Kb / 3P
   Type SQ Series
logo
List of Unclassifed Man...
EP3WS47RJ ETC2-EP3WS47RJ Datasheet
230Kb / 5P
   Type EP Series
logo
Tyco Electronics
TW1102KA MACOM-TW1102KA Datasheet
72Kb / 1P
   Type TW Series
UPW50B250RV MACOM-UPW50B250RV Datasheet
363Kb / 2P
   Type UPW Series
H847K5BYA MACOM-H847K5BYA Datasheet
196Kb / 4P
   Type HOLCO Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com