Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MOCD211-M Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. MOCD211-M
Description  DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOCD211-M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MOCD211-M Datasheet HTML 1Page - Fairchild Semiconductor MOCD211-M Datasheet HTML 2Page - Fairchild Semiconductor MOCD211-M Datasheet HTML 3Page - Fairchild Semiconductor MOCD211-M Datasheet HTML 4Page - Fairchild Semiconductor MOCD211-M Datasheet HTML 5Page - Fairchild Semiconductor MOCD211-M Datasheet HTML 6Page - Fairchild Semiconductor MOCD211-M Datasheet HTML 7Page - Fairchild Semiconductor MOCD211-M Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
5/28/03
DUAL CHANNEL PHOTOTRANSISTOR
SMALL OUTLINE SURFACE MOUNT
OPTOCOUPLERS
Page 1 of 8
© 2003 Fairchild Semiconductor Corporation
MOCD211-M
EMITTER 1
COLLECTOR 1
ANODE 1
CATHODE 1
1
2
3
4
5
6
7
8
EMITTER 2
COLLECTOR 2
ANODE 2
CATHODE 2
DESCRIPTION
The MOCD211-M device consists of two gallium arsenide infrared emitting diodes optically coupled to
two monolithic silicon phototransistor detectors, in a surface mountable, small outline plastic package. It
is ideally suited for high density applications and eliminates the need for through-the-board mounting.
FEATURES
•U.L. Recognized (File #E90700, Volume 2)
• VDE Recognized (File #136616) (add option “V” for VDE approval, i.e, MOCD211V-M)
• Minimum BVCEO of 30 Volts Guaranteed
• Standard SOIC-8 Footprint, with 0.050" Lead Spacing
• Compatible with Dual Wave, Vapor Phase and IR Reflow Soldering
• High Input-Output Isolation of 2500 VAC(rms) Guaranteed
• Compact Dual Channel Optocoupler
APPLICATIONS
• Interfacing and coupling systems of different potentials and impedances
• General purpose switching circuits
• Monitor and detection circuits
ABSOLUTE MAXIMUM RATINGS (TA = 25°C Unless otherwise specified)
Rating
Symbol
Value
Unit
EMITTER
Forward Current - Continuous
IF
60
mA
Forward Current - Peak (PW = 100 µs, 120 pps)
IF (pk)
1.0
A
Reverse Voltage
VR
6.0
V
LED Power Dissipation @ TA = 25°C
PD
90
mW
Derate above 25°C
0.8
mW/°C
DETECTOR
Collector-Emitter Voltage
VCEO
30
V
Emitter-Collector Voltage
VECO
7.0
V
Collector Current-Continuous
IC
150
mA
Detector Power Dissipation @ TA = 25°C
PD
150
mW
Derate above 25°C
1.76
mW/°C
TOTAL DEVICE
Input-Output Isolation Voltage(1,2,3)
(f = 60 Hz, 1 min. Duration)
VISO
2500
Vac(rms)
Total Device Power Dissipation @ TA = 25°C
PD
250
mW
Derate above 25°C
2.94
mW/°C
Ambient Operating Temperature Range
TA
-40 to +100
°C
Storage Temperature Range
Tstg
-40 to +125
°C


Similar Part No. - MOCD211-M

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
MOCD211-M FAIRCHILD-MOCD211-M Datasheet
511Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD211-M FAIRCHILD-MOCD211-M_05 Datasheet
511Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
More results

Similar Description - MOCD211-M

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
MOCD206M FAIRCHILD-MOCD206M Datasheet
106Kb / 7P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD213-M FAIRCHILD-MOCD213-M_05 Datasheet
494Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD213-M FAIRCHILD-MOCD213-M Datasheet
495Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD223-M FAIRCHILD-MOCD223-M Datasheet
498Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD223M FAIRCHILD-MOCD223M Datasheet
2Mb / 10P
   Dual-channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD213R2M FAIRCHILD-MOCD213R2M Datasheet
2Mb / 10P
   Dual-channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD208R2M FAIRCHILD-MOCD208R2M Datasheet
2Mb / 9P
   Dual-channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD223-M FAIRCHILD-MOCD223-M_06 Datasheet
503Kb / 9P
   Dual Channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD207M FAIRCHILD-MOCD207M_06 Datasheet
498Kb / 8P
   Dual Channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD211-M FAIRCHILD-MOCD211-M_05 Datasheet
511Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz