Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MOCD211-M Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. MOCD211-M
Description  DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOCD211-M Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MOCD211-M Datasheet HTML 1Page - Fairchild Semiconductor MOCD211-M Datasheet HTML 2Page - Fairchild Semiconductor MOCD211-M Datasheet HTML 3Page - Fairchild Semiconductor MOCD211-M Datasheet HTML 4Page - Fairchild Semiconductor MOCD211-M Datasheet HTML 5Page - Fairchild Semiconductor MOCD211-M Datasheet HTML 6Page - Fairchild Semiconductor MOCD211-M Datasheet HTML 7Page - Fairchild Semiconductor MOCD211-M Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5/28/03
Page 3 of 8
© 2003 Fairchild Semiconductor Corporation
DUAL CHANNEL PHOTOTRANSISTOR
SMALL OUTLINE SURFACE MOUNT
OPTOCOUPLERS
MOCD211-M
Fig. 2 Output Curent vs. Input Current
I
F - LED INPUT CURRENT (mA)
0.1
1
10
100
0.01
0.1
1
10
VCE = 5V
NORMALIZED TO I
F = 10mA
Fig. 3 Output Current vs. Ambient Temperature
T
A - AMBIENT TEMPERATURE (
o C)
-80
-60
-40
-20
0
20406080
100
120
0.1
1
10
NORMALIZED TO TA = 25
oC
Fig. 4 Output Current vs. Collector - Emitter Voltage
V
CE - COLLECTOR -EMITTER VOLTAGE (V)
0123456789
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
I
F = 10mA
NORMALIZED TO VCE = 5V
Fig. 5 Dark Current vs. Ambient Temperature
T
A - AMBIENT TEMPERATURE (
o C)
020
40
6080
100
0.1
1
10
100
1000
10000
VCE=10V
IF - LED FORWARD CURRENT (mA)
Fig. 1 LED Forward Voltage vs. Forward Current
110
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
TA = -55°C
TA = 25°C
TA = 100°C


Similar Part No. - MOCD211-M

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
MOCD211-M FAIRCHILD-MOCD211-M Datasheet
511Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD211-M FAIRCHILD-MOCD211-M_05 Datasheet
511Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
More results

Similar Description - MOCD211-M

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
MOCD206M FAIRCHILD-MOCD206M Datasheet
106Kb / 7P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD213-M FAIRCHILD-MOCD213-M_05 Datasheet
494Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD213-M FAIRCHILD-MOCD213-M Datasheet
495Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD223-M FAIRCHILD-MOCD223-M Datasheet
498Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD223M FAIRCHILD-MOCD223M Datasheet
2Mb / 10P
   Dual-channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD213R2M FAIRCHILD-MOCD213R2M Datasheet
2Mb / 10P
   Dual-channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD208R2M FAIRCHILD-MOCD208R2M Datasheet
2Mb / 9P
   Dual-channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD223-M FAIRCHILD-MOCD223-M_06 Datasheet
503Kb / 9P
   Dual Channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD207M FAIRCHILD-MOCD207M_06 Datasheet
498Kb / 8P
   Dual Channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD211-M FAIRCHILD-MOCD211-M_05 Datasheet
511Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz