Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5055557-3 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 5055557-3
Description  TAP ASSEMBLY, POWER DISTRIBUTION
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5055557-3 Datasheet(HTML) 1 Page - Tyco Electronics

  5055557-3 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 5055557-3

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
50555-7012 MOLEX7-50555-7012 Datasheet
97Kb / 2P
   Ring Tongue Terminal for 8 AWG, Closed Uninsulated Brazed Barrel, Stud Size 10(M5), Oxygen-Free Copper, Width 12.00mm (.472"), Length 23.50mm (.925")
50555-7112 MOLEX7-50555-7112 Datasheet
97Kb / 2P
   Ring Tongue Terminal for 8 AWG, Closed Uninsulated Brazed Barrel, Stud Size1/4" (M6), Oxygen-Free Copper, Width 12.00mm (.472"), Length 23.50mm (.925")
50555-7212 MOLEX7-50555-7212 Datasheet
97Kb / 2P
   Ring Tongue Terminal for 8 AWG, Closed Uninsulated Brazed Barrel, Stud Size5/16" (M8), Oxygen-Free Copper, Length 29.50mm (1.161")
50555-7312 MOLEX7-50555-7312 Datasheet
97Kb / 2P
   Ring Tongue Terminal for 8 AWG, Closed Uninsulated Brazed Barrel, Stud Size M10,Oxygen-Free Copper, Length 29.50mm (1.161")
50555-7412 MOLEX7-50555-7412 Datasheet
97Kb / 2P
   Ring Tongue Terminal for 8 AWG, Closed Uninsulated Brazed Barrel, Stud Size 8 (M4 Oxygen-Free Copper, Width 12.00mm (.472"), Length 23.50mm (.925")
More results

Similar Description - 5055557-3

ManufacturerPart #DatasheetDescription
logo
Sensitron
SSCDA100 SENSITRON-SSCDA100_08 Datasheet
55Kb / 2P
   CENTER TAP/DOUBLER ASSEMBLY
logo
Solid States Devices, I...
RA0037A SSDI-RA0037A_15 Datasheet
136Kb / 2P
   DOUBLER/CENTER TAP RECTIFIER ASSEMBLY
RA0037A SSDI-RA0037A Datasheet
136Kb / 2P
   DOUBLER/CENTER TAP RECTIFIER ASSEMBLY
logo
Sensitron
SSCDA100 SENSITRON-SSCDA100 Datasheet
60Kb / 3P
   CENTER TAP/DOUBLER ASSEMBLY (RECTIFIER)
logo
Littelfuse
03540504Z LITTELFUSE-03540504Z Datasheet
441Kb / 2P
   Power Tap Module
logo
Mini-Circuits
RBDC-20-63 MINI-RBDC-20-63 Datasheet
252Kb / 1P
   Power Signal Tap
ZARC-20-52 MINI-ZARC-20-52 Datasheet
218Kb / 1P
   Power Signal Tap
HK-PT54-DG MINI-HK-PT54-DG Datasheet
402Kb / 8P
   Power Tap Die
logo
Hubbell Incorporated.
1PLD2504 HUBBELL-1PLD2504 Datasheet
266Kb / 2P
   Al Distribution Tap Connectors, UV Black Plastisol Covered, 4 Ports,
logo
Texas Instruments
TPS2010 TI-TPS2010 Datasheet
366Kb / 17P
[Old version datasheet]   POWER-DISTRIBUTION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com