Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MOC8204 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. MOC8204
Description  GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC8204 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MOC8204 Datasheet HTML 1Page - Fairchild Semiconductor MOC8204 Datasheet HTML 2Page - Fairchild Semiconductor MOC8204 Datasheet HTML 3Page - Fairchild Semiconductor MOC8204 Datasheet HTML 4Page - Fairchild Semiconductor MOC8204 Datasheet HTML 5Page - Fairchild Semiconductor MOC8204 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Parameter
Test Conditions
Symbol
Min
Typ(1)
Max
Unit
EMITTER
(IF = 10 mA)
VF
1.2
15
V
Input Forward Voltage
Reverse Leakage Current
(VR = 6.0 V)
IR
——
10
µA
Capacitance
(V = 0, f =1 MHz)
CJ
18
pF
DETECTOR
BVCEO
400
V
Collector-Emitter Breakdown Voltage (IC = 1.0 mA, RBE = 1M!)
Collector-Base Breakdown Voltage
(IC = 100 µA)
BVCBO
400
——
V
Emitter-Base Breakdown Voltage
(IE = 100 µA)
BVEBO
7
——
V
Collector-Emitter Dark Current
TA = 25°C
(RBE = 1M!, VCE = 300 V)
ICEO
100
nA
TA = 100°C
250
µA
INDIVIDUAL COMPONENT CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (T
A = 25°C Unless otherwise specified.)
Notes
1. Alway design to the specified minimum/maximum electrical limits (where applicable).
2. Current Transfer Ratio (CTR) = IC /IF x 100%.
3. For this test LED pins 1 and 2 are common and phototransistor Pins 4,5 and 6 are common.
GENERAL PURPOSE 6-PIN
PHOTOTRANSISTOR OPTOCOUPLERS
Characteristic
Test Conditions
Symbol
Min
Typ(1)
Max
Units
Output Collector Current
(VCE = 10 V, IF = 10 mA, RBE = 1M!)IC (CTR)
(2)
2 (20)
mA(%)
Collector-Emitter Saturation Voltage (IC = 0.5 mA, IF = 10 mA, RBE = 1M!)V(SAT)
0.4
V
Input-Output Isolation Voltage(3)
(II-O ≤ 1 µA, Time = 1min)
VISO
5300
——
VAC(RMS)
7300
——
VAC(PEAK)
Isolation Resistance(3)
RISO
1011
!
Isolation Capacitance(1)
CISO
0.2
pf
Turn-On Time
(VCC = 10 V, IC = 2 mA, RL = 100!)
tON
—5
µs
Turn-Off Time
tOFF
—5
ISOLATION CHARACTERISTICS
MOC8204
www.fairchildsemi.com
2 OF 6
3/22/01
DS300269


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TIL111 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
4N25 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
TIL111M GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
4N25 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
4N29 GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS 1  2  3  4  5  More QT Optoelectronics
4N29 GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
FPT100 General Purpose Silicon Planar Phototransistor 1  Fairchild Semiconductor
SL5500 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
CNX82AW 6-pin phototransistor optocouplers 1  2  3  4  QT Optoelectronics
CNX35U 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn