Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MOC8204 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. MOC8204
Description  GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC8204 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MOC8204 Datasheet HTML 1Page - Fairchild Semiconductor MOC8204 Datasheet HTML 2Page - Fairchild Semiconductor MOC8204 Datasheet HTML 3Page - Fairchild Semiconductor MOC8204 Datasheet HTML 4Page - Fairchild Semiconductor MOC8204 Datasheet HTML 5Page - Fairchild Semiconductor MOC8204 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DESCRIPTION
The MOC8204 device consists of a gallium arsenide infrared emitting diode
optically coupled to a high voltage, silicon, phototransistor detector in a
standard 6-pin DIP package. It is designed for high voltage applications and
is particularly useful in copy machines and solid state relays.
GENERAL PURPOSE 6-PIN
PHOTOTRANSISTOR OPTOCOUPLERS
MOC8204
APPLICATIONS
• Copy Machines
• Interfacing and coupling systems of different potentials and impedances
• Monitor and Detection Circuits
• Solid State Relays
Parameter
Symbol
Value
Units
TOTAL DEVICE
TSTG
-55 to +150
°C
Storage Temperature
Operating Temperature
TOPR
-55 to +100
°C
Lead Solder Temperature
TSOL
260 for 10 sec
°C
Input-Output Isolation Voltage
VISO
7500
Vac(pk)
Peak ac Voltage, 60 Hz, 1 Second Duration(1)
Total Device Power Dissipation @ TA = 25°C
PD
250
mW
Derate above 25°C
2.94
EMITTER
IF
60
mA
DC/Average Forward Input Current
Forward Current - Peak (Pulse Width = 1µs, 330 pps)
IF(pk)
1.2
A
LED Power Dissipation @ TA = 25°C
PD
120
mW
Derate above 25°C
1.41
mW/°C
DETECTOR
VCEO
400
V
Collector-Emitter Voltage
Collector-Base Voltage
VCBO
400
V
Emitter-Collector Voltage
VECO
7V
Detector Power Dissipation @ TA = 25°C
PD
150
mW
Derate above 25°C
1.76
mW/°C
PIN 1. ANODE
2. CATHODE
3. NO CONNECTION
4. EMITTER
5. COLLECTOR
6. BASE
2
1
3NC
5
6
4
SCHEMATIC
 2001 Fairchild Semiconductor Corporation
DS300269
3/22/01
1 OF 6
www.fairchildsemi.com


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TIL111GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
4N25GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
TIL111MGENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
4N25GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
4N29GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS 1 2 3 4 5 MoreQT Optoelectronics
4N29GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
FPT100General Purpose Silicon Planar Phototransistor 1 Fairchild Semiconductor
SL55006-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
CNX82AW6-pin phototransistor optocouplers 1 2 3 4 QT Optoelectronics
CNX35U6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn