Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MOC8204 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. MOC8204
Description  GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC8204 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MOC8204 Datasheet HTML 1Page - Fairchild Semiconductor MOC8204 Datasheet HTML 2Page - Fairchild Semiconductor MOC8204 Datasheet HTML 3Page - Fairchild Semiconductor MOC8204 Datasheet HTML 4Page - Fairchild Semiconductor MOC8204 Datasheet HTML 5Page - Fairchild Semiconductor MOC8204 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
–60
0
TA, AMBIENT TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
2
1.8
1.6
1.4
1.2
1
1
10
100
1000
IF, LED FORWARD CURRENT (mA)
25
°C
100
°C
TA = –55°C
0.005
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
0.01
0.05
1
5
1.0
5.0
10
40
0.1
0.5
1
5
10
50 100
300
RBE = 106 Ω
TA = 25°C
IF = 5 mA
IF = 10 mA
IF = 50 mA
1
TA, AMBIENT TEMPERATURE (°C)
10
20
40
60
90
100
VCE = 300 V
60
120
180
240
300
RBE = 106 Ω
VCE = 10 V
IF = 50 mA
IF = 10 mA
IF = 5 mA
100
100
1000
30
50
70
80
VCE = 100 V
RBE = 106 Ω
VCE = 50 V
PULSE ONLY
PULSE OR DC
Figure 3. Output Characteristics
Figure 4. Forward Characteristics
Figure 5. Collector–Base Current versus Temperature
Figure 6. Dark Current versus Temperature
Figure 1. Output Current versus LED Input Current
0.1
1
IF, LED INPUT CURRENT (mA)
0.2
0.5
1
2
5
10
20
50
2
5
10
20
50
RBE = 106 Ω
VCE = 10 V
TA = 25°C
1
–60
TA, AMBIENT TEMPERATURE (°C)
IF = 20 mA
IF = 10 mA
IF = 5 mA
2
5
10
20
–40
–20
0
20
40
60
80
100
RBE = 106 Ω
VCE = 10 V
Figure 2. Output Current versus Temperature
GENERAL PURPOSE 6-PIN
PHOTOTRANSISTOR OPTOCOUPLERS
MOC8204
DS300269
3/22/01
3 OF 6
www.fairchildsemi.com


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TIL111GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
4N25GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
TIL111MGENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
4N25GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
4N29GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS 1 2 3 4 5 MoreQT Optoelectronics
4N29GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
FPT100General Purpose Silicon Planar Phototransistor 1 Fairchild Semiconductor
SL55006-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
CNX82AW6-pin phototransistor optocouplers 1 2 3 4 QT Optoelectronics
CNX35U6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn