Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TMDXDOCK28069 Datasheet(PDF) 94 Page - Texas Instruments

Part No. TMDXDOCK28069
Description  Digital Signal Processors
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDXDOCK28069 Datasheet(HTML) 94 Page - Texas Instruments

Back Button TMDXDOCK28069 Datasheet HTML 90Page - Texas Instruments TMDXDOCK28069 Datasheet HTML 91Page - Texas Instruments TMDXDOCK28069 Datasheet HTML 92Page - Texas Instruments TMDXDOCK28069 Datasheet HTML 93Page - Texas Instruments TMDXDOCK28069 Datasheet HTML 94Page - Texas Instruments TMDXDOCK28069 Datasheet HTML 95Page - Texas Instruments TMDXDOCK28069 Datasheet HTML 96Page - Texas Instruments TMDXDOCK28069 Datasheet HTML 97Page - Texas Instruments TMDXDOCK28069 Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 147 page
background image
TMS320F2809, TMS320F2808, TMS320F2806
TMS320F2802, TMS320F2801, TMS320C2802
TMS320C2801, TMS320F28016, TMS320F28015
SPRS230N – OCTOBER 2003 – REVISED MAY 2012
www.ti.com
6.2
Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Device supply voltage, I/O, VDDIO
3.14
3.3
3.47
V
Device supply voltage CPU, VDD
1.71
1.8
1.89
V
Supply ground, VSS, VSSIO
0
V
ADC supply voltage (3.3 V), VDDA2, VDDAIO
3.14
3.3
3.47
V
ADC supply voltage (1.8 V), VDD1A18, VDD2A18
1.71
1.8
1.89
V
Flash supply voltage, VDD3VFL
3.14
3.3
3.47
V
Device clock frequency (system clock),
100-MHz devices
2
100
MHz
fSYSCLKOUT
60-MHz devices
2
60
MHz
High-level input voltage, VIH
All inputs except X1
2
VDDIO + 0.3
V
X1
0.7 * VDD – 0.05
VDD
Low-level input voltage, VIL
All inputs except X1
VSS – 0.3
0.8
V
X1
0.3 * VDD + 0.05
All I/Os except Group 2
–4
mA
High-level output source current,
VOH = 2.4 V, IOH
Group 2(1)
–8
All I/Os except Group 2
4
mA
Low-level output sink current,
VOL = VOL MAX, IOL
Group 2(1)
8
A version
–40
85
°C
S version
–40
125
Ambient temperature, TA
Q version
–40
125
(Q100 Qualification)
(1)
Group 2 pins are as follows: GPIO28, GPIO29, GPIO30, GPIO31, TDO, XCLKOUT, EMU0, and EMU1
6.3
Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = IOH MAX
2.4
VOH
High-level output voltage
V
IOH = 50 μA
VDDIO – 0.2
VOL
Low-level output voltage
IOL = IOL MAX
0.4
V
Pin with pullup
VDDIO = 3.3 V, VIN = 0 V
All I/Os (including XRS)
–80
–140
–190
enabled
Input current
IIL
μA
(low level)
Pin with pulldown
VDDIO = 3.3 V, VIN = 0 V
±2
enabled
Pin with pullup
VDDIO = 3.3 V, VIN = VDDIO
±2
enabled
Input current
Pin with pulldown
IIH
VDDIO = 3.3 V, VIN = VDDIO (F280x)
28
50
80
μA
(high level)
enabled
Pin with pulldown
VDDIO = 3.3 V, VIN = VDDIO (C280x)
80
140
190
enabled
Output current, pullup or
IOZ
VO = VDDIO or 0 V
±2
μA
pulldown disabled
CI
Input capacitance
2
pF
94
Electrical Specifications
Copyright © 2003–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2809 TMS320F2808 TMS320F2806 TMS320F2802 TMS320F2801 TMS320C2802
TMS320C2801 TMS320F28016 TMS320F28015


Similar Part No. - TMDXDOCK28069

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TMDXDOCKH52C1 TI1-TMDXDOCKH52C1 Datasheet
430Kb / 7P
[Old version datasheet]   C2000??Concerto??Microcontrollers
More results

Similar Description - TMDXDOCK28069

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz