Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TMDXDOCK28069 Datasheet(PDF) 83 Page - Texas Instruments

Part No. TMDXDOCK28069
Description  Digital Signal Processors
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDXDOCK28069 Datasheet(HTML) 83 Page - Texas Instruments

Back Button TMDXDOCK28069 Datasheet HTML 79Page - Texas Instruments TMDXDOCK28069 Datasheet HTML 80Page - Texas Instruments TMDXDOCK28069 Datasheet HTML 81Page - Texas Instruments TMDXDOCK28069 Datasheet HTML 82Page - Texas Instruments TMDXDOCK28069 Datasheet HTML 83Page - Texas Instruments TMDXDOCK28069 Datasheet HTML 84Page - Texas Instruments TMDXDOCK28069 Datasheet HTML 85Page - Texas Instruments TMDXDOCK28069 Datasheet HTML 86Page - Texas Instruments TMDXDOCK28069 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 147 page
background image
TMS320F2809, TMS320F2808, TMS320F2806
TMS320F2802, TMS320F2801, TMS320C2802
TMS320C2801, TMS320F28016, TMS320F28015
www.ti.com
SPRS230N – OCTOBER 2003 – REVISED MAY 2012
Table 4-16. F2808 GPIO MUX Table
DEFAULT AT RESET
GPAMUX1/2(1)
PRIMARY I/O
PERIPHERAL
PERIPHERAL
PERIPHERAL
REGISTER
FUNCTION
SELECTION 1(2)
SELECTION 2
SELECTION 3
BITS
(GPxMUX1/2
(GPxMUX1/2 BITS = 0,1)
(GPxMUX1/2 BITS = 1,0)
(GPxMUX1/2 BITS = 1,1)
BITS = 0,0)
GPAMUX1
1–0
GPIO0
EPWM1A (O)
Reserved(3)
Reserved(3)
3–2
GPIO1
EPWM1B (O)
SPISIMOD (I/O)
Reserved(3)
5–4
GPIO2
EPWM2A (O)
Reserved(3)
Reserved(3)
7–6
GPIO3
EPWM2B (O)
SPISOMID (I/O)
Reserved(3)
9–8
GPIO4
EPWM3A (O)
Reserved(3)
Reserved(3)
11–10
GPIO5
EPWM3B (O)
SPICLKD (I/O)
ECAP1 (I/O)
13–12
GPIO6
EPWM4A (O)
EPWMSYNCI (I)
EPWMSYNCO (O)
15–14
GPIO7
EPWM4B (O)
SPISTED (I/O)
ECAP2 (I/O)
17–16
GPIO8
EPWM5A (O)
CANTXB (O)
ADCSOCAO (O)
19–18
GPIO9
EPWM5B (O)
SCITXDB (O)
ECAP3 (I/O)
21–20
GPIO10
EPWM6A (O)
CANRXB (I)
ADCSOCBO (O)
23–22
GPIO11
EPWM6B (O)
SCIRXDB (I)
ECAP4 (I/O)
25–24
GPIO12
TZ1 (I)
CANTXB (O)
SPISIMOB (I/O)
27–26
GPIO13
TZ2 (I)
CANRXB (I)
SPISOMIB (I/O)
29–28
GPIO14
TZ3 (I)
SCITXDB (O)
SPICLKB (I/O)
31–30
GPIO15
TZ4 (I)
SCIRXDB (I)
SPISTEB (I/O)
GPAMUX2
1–0
GPIO16
SPISIMOA (I/O)
CANTXB (O)
TZ5 (I)
3–2
GPIO17
SPISOMIA (I/O)
CANRXB (I)
TZ6 (I)
5–4
GPIO18
SPICLKA (I/O)
SCITXDB (O)
Reserved(4)
7–6
GPIO19
SPISTEA (I/O)
SCIRXDB (I)
Reserved(4)
9–8
GPIO20
EQEP1A (I)
SPISIMOC (I/O)
CANTXB (O)
11–10
GPIO21
EQEP1B (I)
SPISOMIC (I/O)
CANRXB (I)
13–12
GPIO22
EQEP1S (I/O)
SPICLKC (I/O)
SCITXDB (O)
15–14
GPIO23
EQEP1I (I/O)
SPISTEC (I/O)
SCIRXDB (I)
17–16
GPIO24
ECAP1 (I/O)
EQEP2A (I)
SPISIMOB (I/O)
19–18
GPIO25
ECAP2 (I/O)
EQEP2B (I)
SPISOMIB (I/O)
21–20
GPIO26
ECAP3 (I/O)
EQEP2I (I/O)
SPICLKB (I/O)
23–22
GPIO27
ECAP4 (I/O)
EQEP2S (I/O)
SPISTEB (I/O)
25–24
GPIO28
SCIRXDA (I)
Reserved(4)
TZ5 (I)
27–26
GPIO29
SCITXDA (O)
Reserved(4)
TZ6 (I)
29–28
GPIO30
CANRXA (I)
Reserved(4)
Reserved(4)
31–30
GPIO31
CANTXA (O)
Reserved(4)
Reserved(4)
GPBMUX1
1–0
GPIO32
SDAA (I/OC)
EPWMSYNCI (I)
ADCSOCAO (O)
3–2
GPIO33
SCLA (I/OC)
EPWMSYNCO (O)
ADCSOCBO (O)
5–4
GPIO34
Reserved(4)
Reserved(4)
Reserved(4)
(1)
GPxMUX1/2 refers to the appropriate MUX register for the pin; GPAMUX1, GPAMUX2 or GPBMUX1.
(2)
This table pertains to the 2808 device. Some peripherals may not be available in the 2809, 2806, 2802, or 2801 devices. See the pin
descriptions for more detail.
(3)
The word "Reserved" means that there is no peripheral assigned to this GPxMUX1/2 register setting. Should it be selected, the state of
the pin will be undefined and the pin may be driven. This selection is a reserved configuration for future expansion.
(4)
The word "Reserved" means that there is no peripheral assigned to this GPxMUX1/2 register setting. Should it be selected, the state of
the pin will be undefined and the pin may be driven. This selection is a reserved configuration for future expansion.
Copyright © 2003–2012, Texas Instruments Incorporated
Peripherals
83
Submit Documentation Feedback
Product Folder Link(s): TMS320F2809 TMS320F2808 TMS320F2806 TMS320F2802 TMS320F2801 TMS320C2802
TMS320C2801 TMS320F28016 TMS320F28015


Similar Part No. - TMDXDOCK28069

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TMDXDOCKH52C1 TI1-TMDXDOCKH52C1 Datasheet
430Kb / 7P
[Old version datasheet]   C2000??Concerto??Microcontrollers
More results

Similar Description - TMDXDOCK28069

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz