Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TMDXDOCK28069 Datasheet(PDF) 45 Page - Texas Instruments

Part No. TMDXDOCK28069
Description  Digital Signal Processors
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDXDOCK28069 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TMDXDOCK28069 Datasheet HTML 41Page - Texas Instruments TMDXDOCK28069 Datasheet HTML 42Page - Texas Instruments TMDXDOCK28069 Datasheet HTML 43Page - Texas Instruments TMDXDOCK28069 Datasheet HTML 44Page - Texas Instruments TMDXDOCK28069 Datasheet HTML 45Page - Texas Instruments TMDXDOCK28069 Datasheet HTML 46Page - Texas Instruments TMDXDOCK28069 Datasheet HTML 47Page - Texas Instruments TMDXDOCK28069 Datasheet HTML 48Page - Texas Instruments TMDXDOCK28069 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 147 page
background image
PLL
X1
X2
Power
Modes
Control
Watchdog
Block
28x
CPU
High-Speed Prescaler
Low-Speed Prescaler
Clock Enables
GPIO
MUX
XCLKIN
16 ADC Inputs
LSPCLK
I/O
Peripheral Reset
SYSCLKOUT
(A)
XRS
Reset
GPIOs
I/O
OSC
CLKIN
(A)
HSPCLK
I/O
Peripheral
Registers
CPU
Timers
System
Control
Registers
Peripheral
Registers
ePWM 1/2/3/4/5/6
eCAP 1/2/3/4 eQEP 1/2
ADC
Registers
12-Bit ADC
Peripheral
Registers
Low-Speed Peripherals
SCI-A/B, SPI-A/B/C/D
Peripheral
Registers
eCAN-A/B
I2C-A
TMS320F2809, TMS320F2808, TMS320F2806
TMS320F2802, TMS320F2801, TMS320C2802
TMS320C2801, TMS320F28016, TMS320F28015
www.ti.com
SPRS230N – OCTOBER 2003 – REVISED MAY 2012
Each external interrupt can be enabled/disabled or qualified using positive, negative, or both positive and
negative edge. For more information, see the TMS320x280x, 2801x, 2804x DSP System Control and
Interrupts Reference Guide (literature number SPRU712).
3.6
System Control
This section describes the 280x oscillator, PLL and clocking mechanisms, the watchdog function and the
low power modes. Figure 3-9 shows the various clock and reset domains in the 280x devices that will be
discussed.
A.
CLKIN is the clock into the CPU. It is passed out of the CPU as SYSCLKOUT (that is, CLKIN is the same frequency
as SYSCLKOUT).
Figure 3-9. Clock and Reset Domains
Copyright © 2003–2012, Texas Instruments Incorporated
Functional Overview
45
Submit Documentation Feedback
Product Folder Link(s): TMS320F2809 TMS320F2808 TMS320F2806 TMS320F2802 TMS320F2801 TMS320C2802
TMS320C2801 TMS320F28016 TMS320F28015


Similar Part No. - TMDXDOCK28069

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TMDXDOCKH52C1 TI1-TMDXDOCKH52C1 Datasheet
430Kb / 7P
[Old version datasheet]   C2000??Concerto??Microcontrollers
More results

Similar Description - TMDXDOCK28069

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz