Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MOC8020 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. MOC8020
Description  PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC8020 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MOC8020 Datasheet HTML 1Page - Fairchild Semiconductor MOC8020 Datasheet HTML 2Page - Fairchild Semiconductor MOC8020 Datasheet HTML 3Page - Fairchild Semiconductor MOC8020 Datasheet HTML 4Page - Fairchild Semiconductor MOC8020 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Parameter
Test Conditions
Symbol
Min
Typ**
Max
Unit
EMITTER
(IF = 10 mA)
VF
1.15
2
V
Input Forward Voltage
Input Capacitance
(VF = 0, f = 1 MHz)
CIN
18
pF
Reverse Leakage Current
(VR = 3.0 V)
IR
0.05
10
µA
DETECTOR
(IC = 1.0 mA)
BVCEO
50
V
Collector-Emitter Breakdown Voltage
Emitter-Collector Breakdown Voltage
(IE = 100 µA)
BVECO
5V
Collector-Emitter Dark Current
(VCE = 10 V)
ICEO
100
nA
INDIVIDUAL COMPONENT CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (T
A = 25°C Unless otherwise specified.)
DC Characteristic
Test Conditions
Symbol
Min
Typ**
Max
Units
Current Transfer Ratio,
MOC8020
(IF = 10 mA, VCE = 5 V)
CTR
500
%
Collector-Emitter
MOC8021
(IF = 10 mA, VCE = 5 V)
1000
Collector-Emitter
(IF = 10 mA, IC = 25 mA)
VCE(SAT)
2V
Saturation Voltage
TRANSFER CHARACTERISTICS
Characteristic
Test Conditions
Symbol
Min
Typ**
Max
Units
SWITCHING TIMES
ton
3.5
µs
Turn-on Time
(VCC= 10 V, RL = 100!, IF = 5 mA)
Turn-off Time
toff
95
µs
TRANSFER CHARACTERISTICS
Characteristic
Test Conditions
Symbol
Min
Typ**
Max
Units
Input-Output Isolation Voltage
(II-O "#1 µA, 1 min.)
VISO
7500
Vac(pk)
(II-O "#1 µA, 1 min.)
5300
Vac(rms)
Isolation Resistance
(VI-O = 500 VDC)
RISO
1011
!
Isolation Capacitance
(f = 1 MHz)
CISO
0.5
pf
ISOLATION CHARACTERISTICS
Note
** Typical values at TA = 25°C
www.fairchildsemi.com
2 OF 5
1/14/02
DS300392
PHOTODARLINGTON OPTOCOUPLERS
(NO BASE CONNECTION)
MOC8020
MOC8021


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn