Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MOC8020 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. MOC8020
Description  PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC8020 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MOC8020 Datasheet HTML 1Page - Fairchild Semiconductor MOC8020 Datasheet HTML 2Page - Fairchild Semiconductor MOC8020 Datasheet HTML 3Page - Fairchild Semiconductor MOC8020 Datasheet HTML 4Page - Fairchild Semiconductor MOC8020 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
6
1
FEATURES
• High current transfer ratio
-500% (MOC8020)
-1000% (MOC8021)
• No base connection for improved noise immunity
• Underwriters Laboratory (UL) recognized File# E90700
DESCRIPTION
The MOC8020 and MOC8021 are photodarlington-type optically
coupled optocouplers. The devices have a gallium arsenide infrared
emitting diode coupled with a silicon darlington phototransistor.
Parameter
Symbol
Value
Units
TOTAL DEVICE
TSTG
-55 to +150
°C
Storage Temperature
Operating Temperature
TOPR
-55 to +100
°C
Lead Solder Temperature
TSOL
260 for 10 sec
°C
Total Device Power Dissipation @ TA = 25°C
PD
250
mW
Derate above 25°C
2.94
mW/°C
Input-Output Isolation Voltage
VISO
5300
Vac(rms)
EMITTER
IF
60
mA
DC/Average Forward Input Current
Reverse Input Voltage
VR
3V
LED Power Dissipation @ TA = 25°C
PD
120
mW
Derate above 25°C
1.41
mW/°C
DETECTOR
VCEO
50
V
Collector-Emitter Voltage
Detector Power Dissipation @ TA = 25°C
PD
150
mW
Derate above 25°C
1.76
mW/°C
Continuous Collector Current
IC
150
mA
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C Unless otherwise specified.)
PACKAGE DIMENSIONS
0.100 (2.54)
TYP
0.020 (0.51)
MIN
0.350 (8.89)
0.330 (8.38)
0.270 (6.86)
0.240 (6.10)
PIN 1
ID.
0.022 (0.56)
0.016 (0.41)
0.070 (1.78)
0.045 (1.14)
0.200 (5.08)
0.115 (2.92)
0.300 (7.62)
TYP
0° to 15°
0.154 (3.90)
0.100 (2.54)
0.016 (0.40)
0.008 (0.20)
NOTE
All dimensions are in inches (millimeters)
APPLICATIONS
• Appliances, measuring instruments
• I/O interface for computers
• Programmable controllers
• Portable electronics
• Interfacing and coupling systems of
different potentials and impedance
• Solid state relays
EMITTER
COLLECTOR
1
2
3
ANODE
CATHODE
4
5
6 N/C
N/C
 2001 Fairchild Semiconductor Corporation
DS300392
1/14/02
1 OF 5
www.fairchildsemi.com
PHOTODARLINGTON OPTOCOUPLERS
(NO BASE CONNECTION)
MOC8020
MOC8021


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn