Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

532903-1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 532903-1
Description  HDI, 4 ROW, RECEPTACLE ASSEMBLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

532903-1 Datasheet(HTML) 1 Page - Tyco Electronics

  532903-1 Datasheet HTML 1Page - Tyco Electronics 532903-1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 532903-1

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53290-028-010 MICROPAC-53290-028-010 Datasheet
244Kb / 9P
   28V DC INDUSTRIAL POWER CONTROLLER (IPC)
logo
Molex Electronics Ltd.
53290-0380 MOLEX7-53290-0380 Datasheet
155Kb / 4P
   2.00mm (.079") Pitch Board-to-Board Header, Vertical, Single Row, 0.50mm (.020")Square Pin, with Friction Lock, Lead-free, 3 Circuits, with Kinked PC Tails
53290-0480 MOLEX7-53290-0480 Datasheet
155Kb / 4P
   2.00mm (.079") Pitch Board-to-Board Header, Vertical, Single Row, 0.50mm (.020")Square Pin, with Friction Lock, Lead-free, 4 Circuits, with Kinked PC Tails
53290-0571 MOLEX7-53290-0571 Datasheet
163Kb / 4P
   2.00mm (.079") Pitch Board-to-Board Header, Vertical, Single Row, 0.50mm (.020") Square Pin, with Friction Lock, Lead-free, 5 Circuits, without Kinked PC Tails, TubePackage
53290-0671 MOLEX7-53290-0671 Datasheet
163Kb / 4P
   2.00mm (.079") Pitch Board-to-Board Header, Vertical, Single Row, 0.50mm (.020") Square Pin, with Friction Lock, Lead-free, 6 Circuits, without Kinked PC Tails, Tube Package
More results

Similar Description - 532903-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-5532433-1 MACOM-1-5532433-1 Datasheet
200Kb / 2P
   ASSEMBLY, PIN, VERTICAL, HDI, LEAD-FREE, 3 ROW, WITHOUT GUIDES, 4.83[.190] SOLDER POSTS
logo
TE Connectivity Ltd
C-1469627 TEC-C-1469627 Datasheet
327Kb / 1P
   RECEPTACLE ASSEMBLY, 4 PAIR, HMZd
C-6469001 TEC-C-6469001 Datasheet
329Kb / 1P
   RECEPTACLE ASSEMBLY, 4 PAIR, HMZd
C-6469294 TEC-C-6469294 Datasheet
369Kb / 1P
   RECEPTACLE ASSEMBLY, 4 PAIR, 37.5mm HMZd
C-6469251 TEC-C-6469251 Datasheet
260Kb / 1P
   RECEPTACLE ASSEMBLY, 4 PAIR, 12.5mm HMZd
C-1469286 TEC-C-1469286 Datasheet
352Kb / 1P
   RECEPTACLE ASSEMBLY, 4 PAIR, 30mm, HMZd
C-1645583 TEC-C-1645583 Datasheet
355Kb / 1P
   RECEPTACLE ASSEMBLY, 4 PAIR, 30mm, HMZd
C-6469286 TEC-C-6469286 Datasheet
354Kb / 1P
   RECEPTACLE ASSEMBLY, 4 PAIR, 30mm, HMZd
logo
Molex Electronics Ltd.
31068-1011 MOLEX11-31068-1011 Datasheet
54Kb / 1P
   2.54mm H-DAC 64?? 4 Way Receptacle Assembly, Single Row, Polarization B
31068-1012 MOLEX11-31068-1012 Datasheet
54Kb / 1P
   2.54mm H-DAC 64?? 4 Way Receptacle Assembly, Single Row, Polarization C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com