Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MOC3081M Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. MOC3081M
Description  6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3081M Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MOC3081M Datasheet HTML 1Page - Fairchild Semiconductor MOC3081M Datasheet HTML 2Page - Fairchild Semiconductor MOC3081M Datasheet HTML 3Page - Fairchild Semiconductor MOC3081M Datasheet HTML 4Page - Fairchild Semiconductor MOC3081M Datasheet HTML 5Page - Fairchild Semiconductor MOC3081M Datasheet HTML 6Page - Fairchild Semiconductor MOC3081M Datasheet HTML 7Page - Fairchild Semiconductor MOC3081M Datasheet HTML 8Page - Fairchild Semiconductor MOC3081M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
4/14/03
Page 3 of 11
© 2003 Fairchild Semiconductor Corporation
6-PIN DIP ZERO-CROSS
OPTOISOLATORS TRIAC DRIVER OUTPUT
(800 VOLT PEAK)
MOC3081M
MOC3082M
MOC3083M
*Typical values at TA = 25°C
Note
1. Test voltage must be applied within dv/dt rating.
2. All devices are guaranteed to trigger at an IF value less than or equal to max IFT. Therefore, recommended operating IF lies
between max IFT (15 mA for MOC3081M, 10 mA for MOC3082M, 5 mA for MOC3083M) and absolute max IF (60 mA).
3. This is static dv/dt. See Figure 9 for test circuit. Commutating dv/dt is a function of the load-driving thyristor(s) only.
4. Isolation surge voltage, VISO, is an internal device dielectric breakdown rating. For this test, Pins 1 and 2 are common,
and Pins 4, 5 and 6 are common.
ELECTRICAL CHARACTERISTICS (TA = 25°C Unless otherwise specified)
INDIVIDUAL COMPONENT CHARACTERISTICS
Parameters
Test Conditions
Symbol
Min
Typ*
Max
Units
EMITTER
Input Forward Voltage
IF = 30 mA
VF
1.3
1.5
V
Reverse Leakage Current
VR = 6 V
IR
0.005
100
µA
DETECTOR
Peak Blocking Current, Either Direction
VDRM = 800V, IF = 0 (note 1)
IDRM1
10
500
nA
Critical Rate of Rise of Off-State Voltage
IF = 0 (figure 9, note 3)
dv/dt
600
1500
V/µs
TRANSFER CHARACTERISTICS (TA = 25°C Unless otherwise specified.)
DC Characteristics
Test Conditions
Symbol
Device
Min
Typ*
Max
Units
LED Trigger Current
Main Terminal
Voltage = 3V (note 2)
IFT
MOC3081M
15
mA
MOC3082M
10
MOC3083M
5
Peak On-State Voltage,
Either Direction
ITM = 100 mA peak,
IF = rated IFT
VTM
All
1.8
3
V
Holding Current, Either Direction
IH
All
500
µA
ZERO CROSSING CHARACTERISTICS (TA = 25°C Unless otherwise specified.)
DC Characteristics
Test Conditions
Symbol
Device
Min
Typ*
Max
Units
Inhibit Voltage (MT1-MT2 voltage
above which device will not trigger)
IF = Rated IFT
VINH
All
12
20
V
Leakage in Inhibited State
IF = Rated IFT,
VDRM = 800V, off state
IDRM2
All
200
500
µA
ISOLATION CHARACTERISTICS
Characteristics
Test Conditions
Symbol
Min
Typ*
Max
Units
Input-Output Isolation Voltage
f = 60 Hz, t = 1 sec (note 4)
VISO
7500
Vac(pk)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn