Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ440CA Datasheet(PDF) 1 Page - Formosa MS

Part # SMCJ440CA
Description  SMD Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMCJ440CA Datasheet(HTML) 1 Page - Formosa MS

  SMCJ440CA Datasheet HTML 1Page - Formosa MS SMCJ440CA Datasheet HTML 2Page - Formosa MS SMCJ440CA Datasheet HTML 3Page - Formosa MS SMCJ440CA Datasheet HTML 4Page - Formosa MS SMCJ440CA Datasheet HTML 5Page - Formosa MS SMCJ440CA Datasheet HTML 6Page - Formosa MS SMCJ440CA Datasheet HTML 7Page - Formosa MS SMCJ440CA Datasheet HTML 8Page - Formosa MS SMCJ440CA Datasheet HTML 9Page - Formosa MS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
9:;<9>?">#
@ABDEFGHI
JGKLMN
K
FOJ@PQQEJHHME
RS?TS#U:9
1
2
2
2
2
3~5
6~7
8
8
8
9
10
List
List.................................................................................................
Package outline...............................................................................
Features..........................................................................................
Maximum ratings .............................................................................
Electrical characteristics...................................................................
Rating and characteristic curves........................................................
Pinning information...........................................................................
Marking............................................................................................
Suggested thermal profiles for soldering processes.............................
High reliability test capabilities...........................................................
Mechanical data...............................................................................
Suggested solder pad layout..............................................................
Page 1
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121839
2010/06/10
2012/11/21
F
10
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141


Similar Part No. - SMCJ440CA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMCJ440CA SUNMATE-SMCJ440CA Datasheet
312Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Littelfuse
SMCJ440CA LITTELFUSE-SMCJ440CA Datasheet
141Kb / 2P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
logo
Micro Commercial Compon...
SMCJ440CA MCC-SMCJ440CA Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
logo
Anova Technologies CO.,...
SMCJ440CA ANOVA-SMCJ440CA Datasheet
312Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Weitron Technology
SMCJ440CA WEITRON-SMCJ440CA Datasheet
190Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMCJ440CA

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com