Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MOC3031M Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. MOC3031M
Description  6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3031M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MOC3031M Datasheet HTML 1Page - Fairchild Semiconductor MOC3031M Datasheet HTML 2Page - Fairchild Semiconductor MOC3031M Datasheet HTML 3Page - Fairchild Semiconductor MOC3031M Datasheet HTML 4Page - Fairchild Semiconductor MOC3031M Datasheet HTML 5Page - Fairchild Semiconductor MOC3031M Datasheet HTML 6Page - Fairchild Semiconductor MOC3031M Datasheet HTML 7Page - Fairchild Semiconductor MOC3031M Datasheet HTML 8Page - Fairchild Semiconductor MOC3031M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
June 2005
MOC3031M, MOC3032M, MOC3033M, MOC3041M, MOC3042M, MOC3043M Rev. 1.0.1
MOC3031M, MOC3032M, MOC3033M, MOC3041M,
MOC3042M, MOC3043M
6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
(250/400 Volt Peak)
Features
■ Simplifies logic control of 115 VAC power
■ Zero voltage crossing
■ dv/dt of 2000 V/µs typical, 1000 V/µs guaranteed
■ VDE recognized (File # 94766), ordering option V
(e.g., MOC3043VM)
Applications
■ Solenoid/valve controls
■ Lighting controls
■ Static power switches
■ AC motor drives
■ Temperature controls
■ E.M. contactors
■ AC motor starters
■ Solid state relays
Description
The MOC303XM and MOC304XM devices consist of a AlGaAs
infrared emitting diode optically coupled to a monolithic silicon
detector performing the function of a zero voltage crossing bilat-
eral triac driver.
They are designed for use with a triac in the interface of logic
systems to equipment powered from 115 VAC lines, such as
teletypewriters, CRTs, solid-state relays, industrial controls,
printers, motors, solenoids and consumer appliances, etc.
6
1
6
6
1
1
MAIN TERM.
NC*
N/C
*DO NOT CONNECT
(TRIAC SUBSTRATE)
1
2
3
ANODE
CATHODE
4
5
6 MAIN TERM.
ZERO
CROSSING
CIRCUIT
Schematic


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn