Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ220CA Datasheet(PDF) 6 Page - Formosa MS

Part # SMCJ220CA
Description  SMD Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMCJ220CA Datasheet(HTML) 6 Page - Formosa MS

Back Button SMCJ220CA Datasheet HTML 2Page - Formosa MS SMCJ220CA Datasheet HTML 3Page - Formosa MS SMCJ220CA Datasheet HTML 4Page - Formosa MS SMCJ220CA Datasheet HTML 5Page - Formosa MS SMCJ220CA Datasheet HTML 6Page - Formosa MS SMCJ220CA Datasheet HTML 7Page - Formosa MS SMCJ220CA Datasheet HTML 8Page - Formosa MS SMCJ220CA Datasheet HTML 9Page - Formosa MS SMCJ220CA Datasheet HTML 10Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
P&#
%
QR&QS"(&$&"#
!$%
)#
%
""T$U!)V
WXYZWP[
W\
21
0] 01
2]
02]
022]
01
2:
02:
022
02
01
2
21
0
2
34 42 74 022 034 042 074 322
022
74
42
34
2
B7
@1
0D1*0
K.0
213615*+
7
/@.5?1
B7
@1
3D.0
21^15*+
7
/@.5?1
.0
217
8+
4+
821A
:C7
1/+1:=15*+
.51 _

/3/D51=1+
7
+
7
?1
=.0
216*?1;
35:
2436/7
/B7
@19
,34_

WXYZW!$%!)
mnoqrstuv
wtxyz{
x
s|wm}~~rwuuzr
id$d)&XW

7

&829:(
1;
$<1;
=3> !
0
00?
29!
2999:("1<3$
%&'
31@<1;
=3>
00?
=;
(3"A
7
B
7CA
(73$
A
D37
1(
3%A
D"3&3
331@
)=&&3D73)1E(
%59F
9
2#
9
0#
9
G#
9
6#
9
259
299
59
9
3A
2#
G/0=;
(3H1<3$
%&'

A
'3JB'(C
3A
2#
6/*EA
)1;K=D)
A
%DI11)A

1D)3
3A
2#
5/L
317EL
1
30%"3&M3&1
A
D2I=&<3
,317*3'3&1
=&3J* BNIC
,
2
29
299
3A
2#
./?1OA
'='P%D/Q33
A

A
<3
3%&"1&7L=&23I=&&3D
P='R3&%$IE);
3(1.9ST
099
299
29
*8* '1O#
-#
G'((A
D2;
31;
$(A
D3/"1<3
K K
[&31@7%"DV%;

123JV BV%;

(C
[Q
2
29
299
2999
2
29
299
2999
29999
299999
[A7A
&3)
A
%D1;
\
]
^_`abc
de
fDA7A
&3)
A
%D1;
\
]
^_`abc
de
fDA7A
&3)
A
%D1; V
\
]
QH?
[A7A
&3)
A
%D1; V
\
]
QH?
*K 05gI
$29?ST
h
h i
9
9j
5
2
2j
5
0
0j
5
G
Gj
5
6
6j
5
5
5j
5
.
.j
5
9
05
59
U5
299 205 259 2U5
klmnopqln
st
uvwxst
uvwyzxzkk{
|l}}p~}q€ol
p|op~k‚
nƒ
Page 6
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121837
2010/06/10
2012/11/21
F
10
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141


Similar Part No. - SMCJ220CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMCJ220CA LITTELFUSE-SMCJ220CA Datasheet
141Kb / 2P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
logo
StarHope
SMCJ220CA SPSEMI-SMCJ220CA Datasheet
710Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
logo
SHIKUES Electronics
SMCJ220CA SKTECHNOLGY-SMCJ220CA Datasheet
1Mb / 4P
   Rating to 200C VBR
logo
Weitron Technology
SMCJ220CA WEITRON-SMCJ220CA Datasheet
190Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Micro Commercial Compon...
SMCJ220CA MCC-SMCJ220CA Datasheet
249Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
More results

Similar Description - SMCJ220CA

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com