Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MOC3010M Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. MOC3010M
Description  6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

MOC3010M Datasheet(HTML) 6 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
4/30/03
Page 6 of 10
© 2003 Fairchild Semiconductor Corporation
6-PIN DIP RANDOM-PHASE
OPTOISOLATORS TRIAC DRIVER OUTPUT
(250/400 VOLT PEAK)
MOC3010M MOC3011M
MOC3012M
MOC3020M
MOC3021M
MOC3022M
MOC3023M
Figure 9. Typical Application Circuit
VCC
Rin
1
2
3
6
5
4
0.05
µF
0.01
µF
LOAD
360
39
470
240
VAC
HOT
GROUND
MOC3020M
MOC3021M
MOC3022M
MOC3023M
Figure 8. Inductive Load with Sensitive Gate Triac (IGT ≤ 15 mA)
Rin
VCC
1
2
3
6
5
4
0.2
µF
180
C1
1.2 k
ZL
120 V
60 Hz
MOC3010M
MOC3011M
MOC3012M
In this circuit the “hot” side of the line is switched and the load connected to the cold or ground side.
The 39 ohm resistor and 0.01µF capacitor are for snubbing of the triac, and the 470 ohm resistor and
0.05 µF capacitor are for snubbing the coupler. These components may or may not be necessary
depending upon the particular and load used.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn