Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5-103974-7 Datasheet(PDF) 26 Page - Tyco Electronics

Part # 5-103974-7
Description  Wire-to-Board, .100 [2.54] Centerline Products
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5-103974-7 Datasheet(HTML) 26 Page - Tyco Electronics

Back Button 5-103974-7 Datasheet HTML 22Page - Tyco Electronics 5-103974-7 Datasheet HTML 23Page - Tyco Electronics 5-103974-7 Datasheet HTML 24Page - Tyco Electronics 5-103974-7 Datasheet HTML 25Page - Tyco Electronics 5-103974-7 Datasheet HTML 26Page - Tyco Electronics 5-103974-7 Datasheet HTML 27Page - Tyco Electronics 5-103974-7 Datasheet HTML 28Page - Tyco Electronics 5-103974-7 Datasheet HTML 29Page - Tyco Electronics 5-103974-7 Datasheet HTML 30Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
248
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
MTE Headers, Shrouded Latching, Single-Row .100 [2.54] Centerline
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
.025 [0.64] Square Straight
Post (With Swaged Tails
and PC Board Orientation)
Material and Finish
Housing — Black thermoplastic,
94V-0 rated
Posts — Brass, plated .000100
[0.00254] tin over .000050 [0.00127]
nickel on entire post
Related Product Data
Mateable AMPMODU MTE
Products —
Receptacle Assemblies
(Polarized/Latching) —
pages 230, 231
Receptacle Assemblies with Guide
Ribs (installed in Single-Row
Coupling Shroud) —
pages 232, 233, 235, 240
Technical Documents
pages 277, 278
Product Specification
108-25034
Application Specification
114-25026
.535
[13.59]
.120
[3.05]
.100*
[2.54]
X
X
A
.260
[6.60]
Typ.
No. of
Dimensions
Latching
Pos.
ABC
Header
2
.300 [7.62]
.220 [5.59]
.100 [2.54]
5-104450-1
3
.400 [10.16]
.320 [8.13]
.200 [5.08]
5-104450-2
4
.500 [12.70]
.420 [10.67]
.300 [7.62]
5-104450-3
5
.600 [15.24]
.520 [13.21]
.400 [10.16]
5-104450-4
6
.700 [17.78]
.620 [15.75]
.500 [12.70]
5-104450-5
7
.800 [20.32]
.720 [18.29]
.600 [15.24]
5-104450-6
8
.900 [22.86]
.820 [20.83]
.700 [17.78]
5-104450-7
9
1.000 [25.40]
.920 [23.37]
.800 [20.32]
5-104450-8
10
1.100 [27.94]
1.020 [25.91]
.900 [22.86]
5-104450-9
Section X-X
.060
[1.52]
(2 Plc.)
.200
[5.08]
B
C
.060
[1.52]
.100
[2.54]
Typ.
.050
[1.27]
.100
[2.54]
.070
[1.78]
.050
[1.27]
Dia.
C
.065±.003
[1.65±0.08]
Dia.
.135±.003
[3.43±0.08]
.075±.003
[1.91±0.08]
.040±.003
Dia. Typ.
[1.02±0.08]
(for Retention Tails)
.230
[5.84]
.130
[3.30]
.350
[8.89]
Swaged Retention Tail
(See Note)
*±.003 [±0.08]; tolerances not to accumulate within one connector pattern.
Note: Swaged retention tails are provided in a minimum of two locations per header.
Recommended PC Board Hole Layout
Position No. 1 Indicator


Similar Part No. - 5-103974-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-103974-7 MACOM-5-103974-7 Datasheet
154Kb / 1P
   RCPT ASSY, AMPMODU MTE, SINGLE ROW, .100 CL, FOR 22-26 AWG WIRE SIZE, STRIP FORM
More results

Similar Description - 5-103974-7

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PH1-40-UA ADAM-TECH-PH1-40-UA Datasheet
731Kb / 4P
   .100 2.54 CENTERLINE
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MSA ADAM-TECH-MSA Datasheet
154Kb / 1P
   .100 MINI SHUNTS .100 [2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
PH2-10-SGA ADAM-TECH-PH2-10-SGA Datasheet
623Kb / 5P
   100 2.54 CENTERLINE PH SERIES
FCE-20-SG ADAM-TECH-FCE-20-SG Datasheet
109Kb / 1P
   .100 IDC CARD EDGE .100 [2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com