Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MOC256 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. MOC256
Description  AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC256 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MOC256 Datasheet HTML 1Page - Fairchild Semiconductor MOC256 Datasheet HTML 2Page - Fairchild Semiconductor MOC256 Datasheet HTML 3Page - Fairchild Semiconductor MOC256 Datasheet HTML 4Page - Fairchild Semiconductor MOC256 Datasheet HTML 5Page - Fairchild Semiconductor MOC256 Datasheet HTML 6Page - Fairchild Semiconductor MOC256 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4/10/03
Page 2 of 7
© 2003 Fairchild Semiconductor Corporation
AC INPUT PHOTOTRANSISTOR
SMALL OUTLINE SURFACE MOUNT
OPTOCOUPLERS
MOC256-M
* Typical values at TA = 25°C
NOTE:
1. Current Transfer Ratio (CTR) = IC/IF x 100%.
2. Isolation Surge Voltage, VISO, is an internal device dielectric breakdown rating.
3. For this test, Pins 1 and 2 are common and Pins 5, 6 and 7 are common.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Test Conditions
Symbol
Min
Typ*
Max
Unit
EMITTER
Input Forward Voltage
(IF = ±10 mA)
VF
1.2
1.5
V
Input Capacitance
(V = 0 V, f = 1 MHz)
CJ
—20—
pF
DETECTOR
Collector-Emitter Dark Current
(VCE = 10 V, TA = 25°C)
ICEO1
1.0
100
nA
(VCE = 10 V, TA = 100°C)
ICEO2
1.0
µA
Collector-Base Dark Current
(VCB = 10V)
ICBO
0.2
nA
Collector-Emitter Breakdown Voltage
(IC = 10 mA)
BVCEO
30
100
nA
Collector-Base Breakdown Voltage
(IC = 100 µA)
BVCBO
70
120
V
Emitter-Collector Breakdown Voltage
(IE = 100 µA)
BVECO
510
V
Collector-Emitter Capacitance
(f = 1.0 MHz, VCE = 0)
CCE
—7—
pF
Collector-Base Capacitance
(f = 1.0 MHz, VCB = 0)
CCB
—20—
pF
Emitter-Base Capacitance
(f = 1.0 MHz, VEB = 0)
CEB
—10—
pF
COUPLED
Current Transfer Ratio(1)
(IF = ±10 mA, VCE = 10 V)
CTR
20
150
%
Output-Collector Current Symmetry
(IC @ IF = +10 mA, VCE = 10V)
(IC @ IF = -10 mA, VCE = 10V)
0.5
2.0
Collector-Emitter Saturation Voltage
(IC = 0.5 mA, IF = ±10 mA)
VCE (sat)
0.1
0.4
V
Isolation Surge Voltage(2,3)
(f = 60 Hz AC Peak, t = min)
VISO
2500
Vac(rms)
Isolation Resistance(3)
(V = 500 V)
RISO
1011
——
Isolation Capacitance(3)
(V = 0 V, f = 1 MHz)
CISO
0.2
pF
()


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn