Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MOC256 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. MOC256
Description  AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC256 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MOC256 Datasheet HTML 1Page - Fairchild Semiconductor MOC256 Datasheet HTML 2Page - Fairchild Semiconductor MOC256 Datasheet HTML 3Page - Fairchild Semiconductor MOC256 Datasheet HTML 4Page - Fairchild Semiconductor MOC256 Datasheet HTML 5Page - Fairchild Semiconductor MOC256 Datasheet HTML 6Page - Fairchild Semiconductor MOC256 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4/10/03
Page 3 of 7
© 2003 Fairchild Semiconductor Corporation
AC INPUT PHOTOTRANSISTOR
SMALL OUTLINE SURFACE MOUNT
OPTOCOUPLERS
MOC256-M
Fig. 2 Output Curent vs. Input Current
I
F - LED INPUT CURRENT (mA)
0.1
1
10
100
0.01
0.1
1
10
VCE = 5V
NORMALIZED TO I
F = 10mA
Fig. 3 Output Current vs. Ambient Temperature
T
A - AMBIENT TEMPERATURE (
o C)
-80
-60
-40
-20
0
20406080
100
120
0.1
1
10
NORMALIZED TO TA = 25
oC
Fig. 4 Output Current vs. Collector - Emitter Voltage
V
CE - COLLECTOR -EMITTER VOLTAGE (V)
0123456789
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
I
F = 10mA
NORMALIZED TO VCE = 5V
Fig. 5 Dark Current vs. Ambient Temperature
T
A - AMBIENT TEMPERATURE (
o C)
020
40
60
80
100
0.1
1
10
100
1000
10000
VCE=10V
Fig. 1 Input Voltage vs. Input Current
V
F - INPUT VOLTAGE (V)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.01.5
2.0
-100
-80
-60
-40
-20
0
20
40
60
80
100


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn