Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5-103975-8 Datasheet(PDF) 29 Page - Tyco Electronics

Part # 5-103975-8
Description  Wire-to-Board, .100 [2.54] Centerline Products
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5-103975-8 Datasheet(HTML) 29 Page - Tyco Electronics

Back Button 5-103975-8 Datasheet HTML 24Page - Tyco Electronics 5-103975-8 Datasheet HTML 25Page - Tyco Electronics 5-103975-8 Datasheet HTML 26Page - Tyco Electronics 5-103975-8 Datasheet HTML 27Page - Tyco Electronics 5-103975-8 Datasheet HTML 28Page - Tyco Electronics 5-103975-8 Datasheet HTML 29Page - Tyco Electronics 5-103975-8 Datasheet HTML 30Page - Tyco Electronics 5-103975-8 Datasheet HTML 31Page - Tyco Electronics 5-103975-8 Datasheet HTML 32Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
251
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPMODU Interconnection System
5
Note: All part numbers are RoHS
compliant.
No. of
Dimensions
Right-Angle Latching SMT Headers
Pos.
A
B
C
D
E
Plating A
Plating B
Plating C
2
.400 [10.16]
.220 [5.59]
.100 [2.54]
.140 [3.56]
.290 [7.37]
5-147323-1
5-147278-1
5-147324-1
3
.500 [12.70]
.320 [8.13]
.200 [5.08]
.190 [4.83]
.390 [9.91]
5-147323-2
5-147278-2
5-147324-2
4
.600 [15.24]
.420 [10.67]
.300 [7.62]
.240 [6.10]
.490 [12.45]
5-147323-3
5-147278-3
5-147324-3
5
.700 [17.78]
.520 [13.21]
.400 [10.16]
.290 [7.37]
.590 [14.99]
5-147323-4
5-147278-4
5-147324-4
6
.800 [20.32]
.620 [15.75]
.500 [12.70]
.340 [8.64]
.690 [17.53]
5-147323-5
5-147278-5
5-147324-5
7
.900 [22.86]
.720 [18.29]
.600 [15.24]
.390 [9.91]
.790 [20.07]
5-147323-6
5-147278-6
5-147324-6
8
1.000 [25.40]
.820 [20.83]
.700 [17.78]
.440 [11.18]
.890 [22.61]
5-147323-7
5-147278-7
5-147324-7
9
1.100 [27.94]
.920 [23.37]
.800 [20.32]
.490 [12.45]
.990 [25.15]
5-147323-8
5-147278-8
5-147324-8
10
1.200 [30.48]
1.020 [25.91]
.900 [22.86]
.540 [13.72]
1.090 [27.69]
5-147323-9
5-147278-9
5-147324-9
11
1.300 [33.02]
1.120 [28.45]
1.000 [25.40]
.590 [14.99]
1.190 [30.23]
6-147323-0
6-147278-0
6-147324-0
12
1.400 [35.56]
1.220 [30.99]
1.100 [27.94]
.640 [16.26]
1.290 [32.77]
6-147323-1
6-147278-1
6-147324-1
13
1.500 [38.10]
1.320 [33.53]
1.200 [30.48]
.690 [17.53]
1.390 [35.31]
6-147323-2
6-147278-2
6-147324-2
14
1.600 [40.64]
1.420 [36.07]
1.300 [33.02]
.740 [18.80]
1.490 [37.85]
6-147323-3
6-147278-3
6-147324-3
15
1.700 [43.18]
1.520 [38.61]
1.400 [35.56]
.790 [20.07]
1.590 [40.39]
6-147323-4
6-147278-4
6-147324-4
16
1.800 [45.72]
1.620 [41.15]
1.500 [38.10]
.840 [21.34]
1.690 [42.93]
6-147323-5
6-147278-5
6-147324-5
17
1.900 [48.26]
1.720 [43.69]
1.600 [40.64]
.890 [22.61]
1.790 [45.47]
6-147323-6
6-147278-6
6-147324-6
18
2.000 [50.80]
1.820 [46.23]
1.700 [43.18]
.940 [23.88]
1.890 [48.01]
6-147323-7
6-147278-7
6-147324-7
19
2.100 [53.34]
1.920 [48.77]
1.800 [45.72]
.990 [25.15]
1.990 [50.55]
6-147323-8
6-147278-8
6-147324-8
20
2.200 [55.88]
2.020 [51.31]
1.900 [48.26]
1.040 [26.42]
2.090 [53.09]
6-147323-9
6-147278-9
6-147324-9
21
2.300 [58.42]
2.120 [53.85]
2.000 [50.80]
1.090 [27.69]
2.190 [55.63]
7-147323-0
7-147278-0
7-147324-0
22
2.400 [60.96]
2.220 [56.39]
2.100 [53.34]
1.140 [28.96]
2.290 [58.17]
7-147323-1
7-147278-1
7-147324-1
23
2.500 [63.50]
2.320 [58.93]
2.200 [55.88]
1.190 [30.23]
2.390 [60.71]
7-147323-2
7-147278-2
7-147324-2
24
2.600 [66.04]
2.420 [61.47]
2.300 [58.42]
1.240 [31.50]
2.490 [63.25]
7-147323-3
7-147278-3
7-147324-3
25
2.700 [68.58]
2.520 [64.01]
2.400 [60.96]
1.290 [32.77]
2.590 [65.79]
7-147323-4
7-147278-4
7-147324-4
Material and Finish
Housing — Black thermoplastic, 94V-0
rated
Posts — Brass, plated as follows:
Plating A — Duplex plated .000030
[.00076] gold on contact area, .000100
[.00254] min. tin on solder area, with
entire post underplated .000050
[.00127] nickel.
Plating B — Duplex plated .000015
[.00038] gold on contact area, .000100
[.00254] min. tin on solder area, with
entire post underplated .000050
[.00127] nickel.
Plating C — .000100 [.00254] tin over
.000050 [.00127] nickel on entire post
Recommended
PC Board Layout
(Refer to MTE Application Spec.
114-25026 for Stencil Aperture Layout
Using .006 [0.152] or .008 [0.203]
Stencil Thickness)
Related Product Data
Mateable AMPMODU MTE
Products —
Receptacle Assemblies (Polarized/
Latching) — pages 230, 231
Receptacle Assemblies with Guide
Ribs (installed in Single-Row
Coupling Shroud) — pages 232, 233,
235, 240
Technical Documents
pages 277, 278
Product Specification
108-25034
Application Specification
114-25026
.535
[13.59]
.140
[3.56]
.165±.003
[4.19±0.07]
.133
[3.38]
.265
[6.73]
D
E
C
.070±.002
Typ
[1.78±0.05]
.054/.039
[1.37/0.99]
Ø.085±.002
[2.16±0.05]
.136±.001
[3.45±0.02]
2 Plc
.190±.001
[4.83±0.02]
2 Plc
.065 Min Pad on
[1.65] Underside 2 Plc
.038
2 Plc
[0.97]
.120
[3.05]
A
B
C
K
K
.120
[3.05]
.350
[8.89]
.200
[5.08]
Ref
Contact Area
.200
[5.08]
.002
[0.05]
See L
View L
.076
[1.93]
.288
[7.32]
Ref
.262
[6.65]
.457
[11.61]
Ref
Position No. 1 Indicator
Ø
.047
+ .002
-.003
[1.19 + 0.05
- 0.07
]
.140±.002
[3.56±0.05]
(Tangent
of heel)
(Plated thru hole)
.025
[0.64]
Typ.
Section K-K
Recommended PC Board Layout
MTE Headers, Right-Angle, Polarized/Latching, Surface Mount


Similar Part No. - 5-103975-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-103970-1 MACOM-5-103970-1 Datasheet
162Kb / 1P
   RCPT ASSY, AMPMODU MTE, SINGLE ROW, 100 CL WITH GUIDE RIBS
5-103970-2 MACOM-5-103970-2 Datasheet
162Kb / 1P
   RCPT ASSY, AMPMODU MTE, SINGLE ROW, 100 CL WITH GUIDE RIBS
5-103970-3 MACOM-5-103970-3 Datasheet
162Kb / 1P
   RCPT ASSY, AMPMODU MTE, SINGLE ROW, 100 CL WITH GUIDE RIBS
5-103970-4 MACOM-5-103970-4 Datasheet
162Kb / 1P
   RCPT ASSY, AMPMODU MTE, SINGLE ROW, 100 CL WITH GUIDE RIBS
5-103970-5 MACOM-5-103970-5 Datasheet
162Kb / 1P
   RCPT ASSY, AMPMODU MTE, SINGLE ROW, 100 CL WITH GUIDE RIBS
More results

Similar Description - 5-103975-8

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PH1-40-UA ADAM-TECH-PH1-40-UA Datasheet
731Kb / 4P
   .100 2.54 CENTERLINE
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MSA ADAM-TECH-MSA Datasheet
154Kb / 1P
   .100 MINI SHUNTS .100 [2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
PH2-10-SGA ADAM-TECH-PH2-10-SGA Datasheet
623Kb / 5P
   100 2.54 CENTERLINE PH SERIES
FCE-20-SG ADAM-TECH-FCE-20-SG Datasheet
109Kb / 1P
   .100 IDC CARD EDGE .100 [2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com