Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MOC215 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. MOC215
Description  SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC215 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MOC215 Datasheet HTML 1Page - Fairchild Semiconductor MOC215 Datasheet HTML 2Page - Fairchild Semiconductor MOC215 Datasheet HTML 3Page - Fairchild Semiconductor MOC215 Datasheet HTML 4Page - Fairchild Semiconductor MOC215 Datasheet HTML 5Page - Fairchild Semiconductor MOC215 Datasheet HTML 6Page - Fairchild Semiconductor MOC215 Datasheet HTML 7Page - Fairchild Semiconductor MOC215 Datasheet HTML 8Page - Fairchild Semiconductor MOC215 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
4/10/03
Page 2 of 9
© 2002 Fairchild Semiconductor Corporation
SMALL OUTLINE SURFACE MOUNT
PHOTOTRANSISTOR OPTOCOUPLERS
MOC215-M
MOC216-M
MOC217-M
ABSOLUTE MAXIMUM RATINGS (TA = 25°C Unless otherwise specified)
Rating
Symbol
Value
Unit
EMITTER
Forward Current - Continuous
IF
60
mA
Forward Current - Peak (PW = 100 µs, 120 pps)
IF (pk)
1.0
A
Reverse Voltage
VR
6.0
V
LED Power Dissipation @ TA = 25°C
Derate above 25°C
PD
90
0.8
mW
mW/°C
DETECTOR
Collector-Emitter Voltage
VCEO
30
V
Collector-Base Voltage
VCBO
70
V
Emitter-Collector Voltage
VECO
7.0
V
Collector Current-Continuous
IC
150
mA
Detector Power Dissipation @ TA = 25°C
Derate above 25°C
PD
150
1.76
mW
mW/°C
TOTAL DEVICE
Input-Output Isolation Voltage(1,2)
(60 Hz, 1 minute duration)
VISO
2500
Vac(rms)
Total Device Power Dissipation @ TA = 25°C
Derate above 25°C
PD
250
2.94
mW
mW/°C
Ambient Operating Temperature Range
TA
-40 to +100
°C
Storage Temperature Range
Tstg
-40 to +125
°C


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn