Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MOC215 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. MOC215
Description  SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC215 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MOC215 Datasheet HTML 1Page - Fairchild Semiconductor MOC215 Datasheet HTML 2Page - Fairchild Semiconductor MOC215 Datasheet HTML 3Page - Fairchild Semiconductor MOC215 Datasheet HTML 4Page - Fairchild Semiconductor MOC215 Datasheet HTML 5Page - Fairchild Semiconductor MOC215 Datasheet HTML 6Page - Fairchild Semiconductor MOC215 Datasheet HTML 7Page - Fairchild Semiconductor MOC215 Datasheet HTML 8Page - Fairchild Semiconductor MOC215 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
4/10/03
Page 1 of 9
© 2002 Fairchild Semiconductor Corporation
SMALL OUTLINE SURFACE MOUNT
PHOTOTRANSISTOR OPTOCOUPLERS
MOC215-M
MOC216-M
MOC217-M
DESCRIPTION
These devices consist of a gallium arsenide infrared emitting diode optically coupled to a
monolithic silicon phototransistor detector, in a surface mountable, small outline, plastic
package. They are ideally suited for high density applications, and eliminate the need for
through–the–board mounting.
FEATURES
UL Recognized (File #E90700, Volume 2)
VDE Recognized (File #13616) (add option “V” for VDE approval, i.e., MOC215V-M)
Convenient Plastic SOIC–8 Surface Mountable Package Style
•Low LED Input Current Required, for Easier Logic Interfacing
Standard SOIC–8 Footprint, with 0.050” Lead Spacing
Compatible with Dual Wave, Vapor Phase and IR Reflow Soldering
High Input–Output Isolation of 2500 Vac (rms) Guaranteed
APPLICATIONS
•Low power Logic Circuits
Interfacing and coupling systems of different potentials and impedances
•Telecommunications equipment
•Portable electronics
Marking Information:
MOC215-M = 215
MOC216-M = 216
MOC217-M = 217
BASE
N/C
ANODE
CATHODE
1
2
3
4
5
6
7
8
EMITTER
COLLECTOR
N/C
N/C


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn