Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOC215 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # MOC215
Description  SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC215 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  MOC215 Datasheet HTML 1Page - Fairchild Semiconductor MOC215 Datasheet HTML 2Page - Fairchild Semiconductor MOC215 Datasheet HTML 3Page - Fairchild Semiconductor MOC215 Datasheet HTML 4Page - Fairchild Semiconductor MOC215 Datasheet HTML 5Page - Fairchild Semiconductor MOC215 Datasheet HTML 6Page - Fairchild Semiconductor MOC215 Datasheet HTML 7Page - Fairchild Semiconductor MOC215 Datasheet HTML 8Page - Fairchild Semiconductor MOC215 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
4/10/03
Page 6 of 9
© 2002 Fairchild Semiconductor Corporation
SMALL OUTLINE SURFACE MOUNT
PHOTOTRANSISTOR OPTOCOUPLERS
MOC215-M
MOC216-M
MOC217-M
Figure 10. Switching Time Test Circuit and Waveforms
OUTPUT PULSE
INPUT PULSE
TEST CIRCUIT
WAVE FORMS
t r
t f
INPUT
IF
R L
R BE
VCC = 10V
OUTPUT
t on
10%
90%
t off
IC
Adjust IF to produce IC = 2 mA
Package Dimensions (Surface Mount)
8-Pin Small Outline
Lead Coplanarity : 0.004 (0.10) MAX
0.202 (5.13)
0.182 (4.63)
0.021 (0.53)
0.011 (0.28)
0.050 (1.27)
TYP
0.164 (4.16)
0.144 (3.66)
0.244 (6.19)
0.224 (5.69)
0.143 (3.63)
0.123 (3.13)
0.008 (0.20)
0.003 (0.08)
0.010 (0.25)
0.006 (0.16)
0.024 (0.61)
0.050 (1.27)
0.155 (3.94)
0.275 (6.99)
0.060 (1.52)


Similar Part No. - MOC215

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC215 MOTOROLA-MOC215 Datasheet
113Kb / 4P
   SMALL OUTLINE OPTOISOLATORS TRANSISTOR OUTPUT
logo
Fairchild Semiconductor
MOC215-M FAIRCHILD-MOC215-M Datasheet
492Kb / 9P
   SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - MOC215

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC215-M FAIRCHILD-MOC215-M Datasheet
492Kb / 9P
   SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLERS
MOCD213-M FAIRCHILD-MOCD213-M Datasheet
495Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD213-M FAIRCHILD-MOCD213-M_05 Datasheet
494Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD206M FAIRCHILD-MOCD206M Datasheet
106Kb / 7P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD223M FAIRCHILD-MOCD223M Datasheet
2Mb / 10P
   Dual-channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD208R2M FAIRCHILD-MOCD208R2M Datasheet
2Mb / 9P
   Dual-channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD223-M FAIRCHILD-MOCD223-M Datasheet
498Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD213R2M FAIRCHILD-MOCD213R2M Datasheet
2Mb / 10P
   Dual-channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD223-M FAIRCHILD-MOCD223-M_06 Datasheet
503Kb / 9P
   Dual Channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD207M FAIRCHILD-MOCD207M_06 Datasheet
498Kb / 8P
   Dual Channel Phototransistor Small Outline Surface Mount Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com