Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MOC215 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. MOC215
Description  SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC215 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  MOC215 Datasheet HTML 1Page - Fairchild Semiconductor MOC215 Datasheet HTML 2Page - Fairchild Semiconductor MOC215 Datasheet HTML 3Page - Fairchild Semiconductor MOC215 Datasheet HTML 4Page - Fairchild Semiconductor MOC215 Datasheet HTML 5Page - Fairchild Semiconductor MOC215 Datasheet HTML 6Page - Fairchild Semiconductor MOC215 Datasheet HTML 7Page - Fairchild Semiconductor MOC215 Datasheet HTML 8Page - Fairchild Semiconductor MOC215 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
4/10/03
Page 5 of 9
© 2002 Fairchild Semiconductor Corporation
SMALL OUTLINE SURFACE MOUNT
PHOTOTRANSISTOR OPTOCOUPLERS
MOC215-M
MOC216-M
MOC217-M
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
1.0
0.8
0.9
IF = 20mA
IF = 10mA
IF = 5mA
Fig. 8 CTR vs. RBE (Saturated)
RBE - BASE RESISTANCE (kΩ)
10
100
1000
VCE = 0.3V, TA = 25°C
Normalized to:
CTR at RBE = Open
0.0
0.2
0.4
0.6
1.0
1.2
1.4
1.6
0.8
Fig. 7 Normalized toff vs. RBE
RBE - BASE RESISTANCE (MΩ)
0.01
0.1
1
10
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
1.0
0.8
0.9
IF = 20mA
IF = 10mA
IF = 5mA
Fig. 9 CTR vs. RBE (Unsaturated)
RBE - BASE RESISTANCE (kΩ)
10
100
1000
VCE = 5V, TA = 25°C
Normalized to:
CTR at RBE = Open
VCC = 10V
IC = 2mA
RL = 100Ω
Normalized to:
toff at RBE = Open


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn