Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MOC215 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. MOC215
Description  SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC215 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MOC215 Datasheet HTML 1Page - Fairchild Semiconductor MOC215 Datasheet HTML 2Page - Fairchild Semiconductor MOC215 Datasheet HTML 3Page - Fairchild Semiconductor MOC215 Datasheet HTML 4Page - Fairchild Semiconductor MOC215 Datasheet HTML 5Page - Fairchild Semiconductor MOC215 Datasheet HTML 6Page - Fairchild Semiconductor MOC215 Datasheet HTML 7Page - Fairchild Semiconductor MOC215 Datasheet HTML 8Page - Fairchild Semiconductor MOC215 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
4/10/03
Page 3 of 9
© 2002 Fairchild Semiconductor Corporation
SMALL OUTLINE SURFACE MOUNT
PHOTOTRANSISTOR OPTOCOUPLERS
MOC215-M
MOC216-M
MOC217-M
** Typical values at TA = 25°C unless otherwise noted.
1. Input-Output Isolation Surge Voltage, VISO, is an internal device dielectric breakdown rating.
2. For this test, Pins 1 and 2 are common and Pins 5, 6 and 7 are common.
3. VISO rating of 2,500 VAC(RMS) for t = 1 minute is equivalent to a rating of 3,000 VAC(RMS) for t = 1 second.
4. Current Transfer Ratio (CTR) = IC/IF x 100%.
ELECTRICAL CHARACTERISTICS (TA = 25°C Unless otherwise specified)
Characteristic
Symbol
Min
Typ**
Max
Unit
EMITTER
Forward Voltage
(IF = 1.0 mA)
VF
1.07
1.3
V
Reverse Leakage Current
(VR = 6.0 V)
IR
0.001
100
µA
Capacitance
C
—18—
pF
DETECTOR
Collector-Emitter Dark Current
(VCE = 5.0 V, TA = 25°C)
ICEO
1.0
50
nA
(VCE = 5.0 V, TA = 100°C)
1.0
µA
Collector-Emitter Breakdown Voltage
(IC = 100 µA)
BVCEO
30
100
V
Emitter-Collector Breakdown Voltage
(IE = 100 µA)
BVECO
7.0
10
V
Collector-Emitter Capacitance
(f = 1.0 MHz, VCE = 0)
CCE
7.0
pF
COUPLED
Output Collector Current(4)
MOC215-M
MOC216-M
MOC217-M
(IF = 1.0 mA, VCE = 5.0 V)
CTR
20
50
100
%
Collector-Emitter Saturation Voltage
(IC = 100µA, IF = 1.0mA) VCE(sat)
——
0.4
V
Turn-On Time
(IC = 2.0 mA, VCC = 10 V,
RL = 100 Ω, fig. 10)
ton
4.0
µs
Turn-Off Time
(IC = 2.0 mA, VCC = 10 V,
RL = 100 Ω, fig. 10)
toff
4.0
µs
Rise Time
(IC = 2.0 mA, VCC = 10 V,
RL = 100 Ω, fig. 10)
tr
3.0
µs
Fall Time
(IC = 2.0 mA, VCC = 10 V,
RL = 100 Ω, fig. 10)
tf
3.0
µs
Input-Output Isolation Voltage(1,2,3)
(f = 60 Hz, t = 1.0 min.)
VISO
2500
Vac(rms)
Isolation Resistance(2)
(VI-O = 500 V)
RISO
1011
——
Isolation Capacitance(2)
(VI-O = 0, f = 1.0 MHz)
CISO
0.2
pF


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn