Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2703EA-250 Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA2703EA-250
Description  CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2703EA-250 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA2703EA-250 Datasheet HTML 2Page - Texas Instruments OPA2703EA-250 Datasheet HTML 3Page - Texas Instruments OPA2703EA-250 Datasheet HTML 4Page - Texas Instruments OPA2703EA-250 Datasheet HTML 5Page - Texas Instruments OPA2703EA-250 Datasheet HTML 6Page - Texas Instruments OPA2703EA-250 Datasheet HTML 7Page - Texas Instruments OPA2703EA-250 Datasheet HTML 8Page - Texas Instruments OPA2703EA-250 Datasheet HTML 9Page - Texas Instruments OPA2703EA-250 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
OPA703, OPA704
6
SBOS180A
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = ±5V, and RL = 20kΩ, unless otherwise noted.
INPUT CURRENT AND VOLTAGE
SPECTRAL NOISE vs FREQUENCY
0.1
Frequency (Hz)
10
1
100
1k
10k
100k
1M
10000
1000
100
10
1
0.1
Current
Noise
Voltage
Noise
10000
1000
100
10
1
0.1
OPEN-LOOP GAIN vs TEMPERATURE
–100
Temperature (
°C)
–50
–75
–25
50
0
25
75
100 125 150 175
140
130
120
110
100
90
QUIESCENT CURRENT vs TEMPERATURE
–100
Temperature (
°C)
–75 –50 –25
50
25
0
75
100 125 150 175
250
200
150
100
50
0
COMMON-MODE REJECTION RATIO
vs TEMPERATURE
–80
Temperature (
°C)
–40
–60
–20
20
0
40
60
80
100 120 140
120
110
100
90
80
70
60
Limited Scale
Full Scale
INPUT BIAS (I
B) AND OFFSET (IOS)
CURRENT vs TEMPERATURE
–50
Temperature (
°C)
–25
0
50
25
75
I
B
I
OS
100
125
175
150
100000
10000
1000
100
10
1
0.1
0.0
PSRR vs TEMPERATURE
–75
Temperature (
°C)
–25
–50
0
50
10
25
75
100 110 130 150
120
110
100
90
80
70
60


Similar Part No. - OPA2703EA-250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2703EA TI-OPA2703EA Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA2703EA BURR-BROWN-OPA2703EA Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA/250 TI-OPA2703EA/250 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA2703EA/250 TI1-OPA2703EA/250 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA2703EA/250G4 TI1-OPA2703EA/250G4 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2703EA-250

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA349SA TI-OPA349SA Datasheet
1Mb / 23P
[Old version datasheet]   1A, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com