Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ70C Datasheet(PDF) 4 Page - Formosa MS

Part # SMCJ70C
Description  SMD Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMCJ70C Datasheet(HTML) 4 Page - Formosa MS

  SMCJ70C Datasheet HTML 1Page - Formosa MS SMCJ70C Datasheet HTML 2Page - Formosa MS SMCJ70C Datasheet HTML 3Page - Formosa MS SMCJ70C Datasheet HTML 4Page - Formosa MS SMCJ70C Datasheet HTML 5Page - Formosa MS SMCJ70C Datasheet HTML 6Page - Formosa MS SMCJ70C Datasheet HTML 7Page - Formosa MS SMCJ70C Datasheet HTML 8Page - Formosa MS SMCJ70C Datasheet HTML 9Page - Formosa MS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
01
23
212423
53
25.&767"$,896:8857;:'<=8:957:>/
1
5
B [B5
\]^`abcde
fcghij
g
bkf\lmmafddia
An5 B
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMCJ22
SMCJ22A
SMCJ24
SMCJ24A
SMCJ22C
SMCJ22CA
SMCJ24C
SMCJ24CA
GEW
GEX
GEY
GEZ
BEW
BEX
BEY
BEZ
22
22
24
24
24.4
24.4
26.7
26.7
30.9
28.0
33.8
30.7
1.0
1.0
1.0
1.0
39.4
35.5
43.0
38.9
38.1
42.3
34.9
38.6
5.0
5.0
5.0
5.0
SMCJ26
SMCJ26A
SMCJ28
SMCJ28A
SMCJ26C
SMCJ26CA
SMCJ28C
SMCJ28CA
GFD
GFE
GFF
GFG
BFD
BFE
BFF
BFG
26
26
28
28
28.9
28.9
31.1
31.1
36.6
33.2
39.4
35.8
1.0
1.0
1.0
1.0
46.6
42.1
50.0
45.4
32.2
35.6
30.0
33.0
5.0
5.0
5.0
5.0
SMCJ30
SMCJ30A
SMCJ33
SMCJ33A
SMCJ30C
SMCJ30CA
SMCJ33C
SMCJ33CA
GFH
GFK
GFL
GFM
BFH
BFK
BFL
BFM
30
30
33
33
33.3
33.3
36.7
36.7
42.2
38.3
46.5
42.2
1.0
1.0
1.0
1.0
53.5
48.4
59.0
53.3
28.0
31.0
25.4
28.1
5.0
5.0
5.0
5.0
SMCJ36
SMCJ36A
SMCJ40
SMCJ40A
SMCJ36C
SMCJ36CA
SMCJ40C
SMCJ40CA
GFN
GFP
GFQ
GFR
BFN
BFP
BFQ
BFR
36
36
40
40
40.0
40.0
44.4
44.4
50.7
46.0
56.3
51.1
1.0
1.0
1.0
1.0
64.3
58.1
71.4
64.5
23.3
25.8
21.0
23.3
5.0
5.0
5.0
5.0
SMCJ43
SMCJ43A
SMCJ45
SMCJ45A
SMCJ43C
SMCJ43CA
SMCJ45C
SMCJ45CA
GFS
GFT
GFU
GFV
BFS
BFT
BFU
BFV
43
43
45
45
47.8
47.8
50.0
50.0
60.5
54.9
63.3
57.5
1.0
1.0
1.0
1.0
76.7
69.4
80.3
72.7
19.6
21.6
18.7
20.6
5.0
5.0
5.0
5.0
SMCJ48
SMCJ48A
SMCJ51
SMCJ51A
SMCJ48C
SMCJ48CA
SMCJ51C
SMCJ51CA
GJS
GJT
GJU
GJV
BJS
BJT
BJU
BJV
48
48
51
51
53.3
53.3
56.7
56.7
67.5
61.3
71.8
65.2
1.0
1.0
1.0
1.0
85.5
77.4
91.1
82.4
17.5
19.4
16.5
18.2
5.0
5.0
5.0
5.0
SMCJ54
SMCJ54A
SMCJ58
SMCJ58A
SMCJ54C
SMCJ54CA
SMCJ58C
SMCJ58CA
GFW
GFX
GFY
GFZ
BFW
BFX
BFY
BFZ
54
54
58
58
60.0
60.0
64.4
64.4
76.0
69.0
81.6
74.1
1.0
1.0
1.0
1.0
96.3
87.1
103
93.6
15.6
17.2
14.6
16.0
5.0
5.0
5.0
5.0
SMCJ60
SMCJ60A
SMCJ64
SMCJ64A
SMCJ60C
SMCJ60CA
SMCJ64C
SMCJ64CA
GGD
GGE
GGF
GGG
BGD
BGE
BGF
BGG
60
60
64
64
66.7
66.7
71.1
71.1
84.5
76.7
90.1
81.8
1.0
1.0
1.0
1.0
107
96.8
114
103
14.0
15.5
13.2
14.6
5.0
5.0
5.0
5.0
SMCJ70
SMCJ70A
SMCJ75
SMCJ75A
SMCJ70C
SMCJ70CA
SMCJ75C
SMCJ75CA
GGH
GGK
GGL
GGM
BGH
BGK
BGL
BGM
70
70
75
75
77.8
77.8
83.0
83.0
98.6
89.5
105.7
95.8
1.0
1.0
1.0
1.0
125
113
134
121
12.0
13.3
11.2
12.4
5.0
5.0
5.0
5.0
SMCJ78
SMCJ78A
SMCJ78C
SMCJ78CA
GGN
GGP
BGN
BGP
78
78
86.0
86.0
109.8
99.7
1.0
1.0
139
126
10.8
11.9
5.0
5.0
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
Page 4
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121837
2010/06/10
2012/11/21
F
10
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141


Similar Part No. - SMCJ70C

ManufacturerPart #DatasheetDescription
logo
Bytes
SMCJ70C BYTES-SMCJ70C Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SMCJ70C LUGUANG-SMCJ70C Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
logo
Microsemi Corporation
SMCJ70C MICROSEMI-SMCJ70C Datasheet
584Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Bruckewell Technology L...
SMCJ70C BWTECH-SMCJ70C Datasheet
183Kb / 4P
   SURFACE MOUNT BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMCJ70C VISHAY-SMCJ70C Datasheet
43Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
26-Sep-02
More results

Similar Description - SMCJ70C

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com