Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPN-05PG Datasheet(PDF) 3 Page - Fujikura Ltd.

Part # FPN-05PG
Description  Sensing element/Gauge Dual-in-line package (DIP)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJIKURA [Fujikura Ltd.]
Direct Link  http://www.fujikura.co.jp
Logo FUJIKURA - Fujikura Ltd.

FPN-05PG Datasheet(HTML) 3 Page - Fujikura Ltd.

  FPN-05PG Datasheet HTML 1Page - Fujikura Ltd. FPN-05PG Datasheet HTML 2Page - Fujikura Ltd. FPN-05PG Datasheet HTML 3Page - Fujikura Ltd. FPN-05PG Datasheet HTML 4Page - Fujikura Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Sensing element/Gauge
FPN Data sheet
3
■Outline dimensions■


Similar Part No. - FPN-05PG

ManufacturerPart #DatasheetDescription
logo
Fujikura Ltd.
FPN-07PG FUJIKURA-FPN-07PG Datasheet
351Kb / 3P
   Sensing element/Gauge
FPN-07PGR FUJIKURA-FPN-07PGR Datasheet
351Kb / 3P
   Sensing element/Gauge
FPN-07PGS FUJIKURA-FPN-07PGS Datasheet
351Kb / 3P
   Sensing element/Gauge
FPN-07PGSR FUJIKURA-FPN-07PGSR Datasheet
351Kb / 3P
   Sensing element/Gauge
More results

Similar Description - FPN-05PG

ManufacturerPart #DatasheetDescription
logo
Fujikura Ltd.
FGMC-307PGSR FUJIKURA-FGMC-307PGSR Datasheet
295Kb / 3P
   Sensing element/Gauge
FGN-607PGSR FUJIKURA-FGN-607PGSR_11 Datasheet
195Kb / 5P
   Sensing element Gauge
FPMC-07PGR FUJIKURA-FPMC-07PGR Datasheet
378Kb / 4P
   Sensing element/Gauge
FGN-607PGSR FUJIKURA-FGN-607PGSR Datasheet
351Kb / 3P
   Sensing element/Gauge
FGM-607PGSR FUJIKURA-FGM-607PGSR Datasheet
255Kb / 5P
   Sensing element Gauge
FPM-07PGR FUJIKURA-FPM-07PGR Datasheet
265Kb / 4P
   Dual-in-line package (DIP)
logo
Vectron International, ...
B-8 VECTRON-B-8 Datasheet
249Kb / 3P
   Dual-In-Line Package (DIP) TCXOs
logo
Tyco Electronics
4-5435166-9 MACOM-4-5435166-9 Datasheet
140Kb / 7P
   Dual In- Line Package (DIP) Programming Switches
logo
OptoDiode Corp
AXUV16ELG OPTODIODE-AXUV16ELG Datasheet
664Kb / 2P
   PHOTODIODE 16 ELEMENT 40 pin dual in-line package
AXUV20ELG OPTODIODE-AXUV20ELG Datasheet
242Kb / 2P
   PHOTODIODE 20 ELEMENT 22 pin dual in-line package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com