Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPM-70PG Datasheet(PDF) 2 Page - Fujikura Ltd.

Part # FPM-70PG
Description  Dual-in-line package (DIP)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJIKURA [Fujikura Ltd.]
Direct Link  http://www.fujikura.co.jp
Logo FUJIKURA - Fujikura Ltd.

FPM-70PG Datasheet(HTML) 2 Page - Fujikura Ltd.

  FPM-70PG Datasheet HTML 1Page - Fujikura Ltd. FPM-70PG Datasheet HTML 2Page - Fujikura Ltd. FPM-70PG Datasheet HTML 3Page - Fujikura Ltd. FPM-70PG Datasheet HTML 4Page - Fujikura Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Sensing element/Gauge
FPM Data sheet
2
P1= 0 kPa
T1= 0 deg.C
P2= 1/2 x P3 (kPa)
T2= 25 deg.C
P3= reted pressure (kPa)
T3= 50 deg.C
Offset voltage (mV)
Voff = V(P1,T)
Voff(0) = V(P1,T1)
Voff(25) = V(P1,T2)
Voff(50) = V(P1,T3)
Output voltage at full scale (mV)
Vfs = V(P3,T)
Vfs(0) = V(P3,T1)
Vfs(25) = V(P3,T2)
Vfs(50) = V(P3,T3)
Output span voltage (mV)
SV = Vfs - Voff
SV(0) = Vfs(0) - Voff(0)
SV(25) = Vfs(25) - Voff(25)
SV(50) = Vfs(50) - Voff(50)
Temperature sensitivity of offset voltage (%FS)
TSO = {LARGER ONE} / SV(25) x 100
LARGER ONE = larger absolute value which of {Voff(0)-Voff(25)} and {Voff(50)-Voff(25)}
Temperature coefficient of output span voltage (%FS)
TCS = {max[SV(0),SV(25),SV(50)] - min[SV(0),SV(25),SV(50)] } / SV(25) x 100
Linearity (%FS)
NL = {V(P2,T2) - [Voff(25)+Vfs(25)]/2 } / SV(25) x 100
Pressure hysteresis (%FS)
Phys = {Voff’(25) - Voff(25) } / SV(25) x 100
Voff’(25) : Output voltage against P1 after stressing by P3 pressure.


Similar Part No. - FPM-70PG

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-7000G-ADKE ADVANTECH-FPM-7000G-ADKE Datasheet
447Kb / 2P
   15 XGA Industrial Monitor with Resistive Touch Control, Direct VGA/DP, and Wide Operating Temperature Range
27-Jun-2018
FPM-7000G-ADKE ADVANTECH-FPM-7000G-ADKE Datasheet
473Kb / 2P
   15" XGA/17" SXGA/19" SXGA Industrial Monitors with Resistive Touch Control, Direct HDMI, DP, and VGA Ports
23-Nov-2022
FPM-7002 ADVANTECH-FPM-7002 Datasheet
442Kb / 2P
   Modular Industrial Monitors with 12
19-May-2020
FPM-7061T ADVANTECH-FPM-7061T Datasheet
529Kb / 2P
   6.5 VGA Industrial Monitor with Resistive Touch Control, Direct VGA/DP, and Wide Operating Temperature
27-Jun-2018
FPM-7061T-R3AE ADVANTECH-FPM-7061T-R3AE Datasheet
529Kb / 2P
   6.5 VGA Industrial Monitor with Resistive Touch Control, Direct VGA/DP, and Wide Operating Temperature
27-Jun-2018
More results

Similar Description - FPM-70PG

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
B-8 VECTRON-B-8 Datasheet
249Kb / 3P
   Dual-In-Line Package (DIP) TCXOs
logo
Tyco Electronics
4-5435166-9 MACOM-4-5435166-9 Datasheet
140Kb / 7P
   Dual In- Line Package (DIP) Programming Switches
logo
Fujikura Ltd.
FPM-15PAR FUJIKURA-FPM-15PAR Datasheet
263Kb / 4P
   Barometric pressure measurable Dual-in-line package (DIP)
FPN-07PGR FUJIKURA-FPN-07PGR Datasheet
259Kb / 4P
   Sensing element/Gauge Dual-in-line package (DIP)
logo
TE Connectivity Ltd
JWD TEC-JWD Datasheet
530Kb / 2P
   JWD has dual in-line package (DIP) configuration
114-1056 TEC-114-1056 Datasheet
140Kb / 7P
   Dual In- Line Package
408-7779 TEC-408-7779 Datasheet
121Kb / 4P
   Dual In- Line Package
logo
GeneSiC Semiconductor, ...
GBJ25J GENESIC-GBJ25J Datasheet
736Kb / 3P
   Single in-line DIP package, compact size
logo
COSMO Electronics Corp...
KTLP3616S COSMO-KTLP3616S Datasheet
137Kb / 6P
   Compact dual-in-line package
KTLP3617S COSMO-KTLP3617S Datasheet
139Kb / 6P
   Compact dual-in-line package.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com