Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA551 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA551
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA551 Datasheet(HTML) 1 Page - Texas Instruments

  OPA551 Datasheet HTML 1Page - Texas Instruments OPA551 Datasheet HTML 2Page - Texas Instruments OPA551 Datasheet HTML 3Page - Texas Instruments OPA551 Datasheet HTML 4Page - Texas Instruments OPA551 Datasheet HTML 5Page - Texas Instruments OPA551 Datasheet HTML 6Page - Texas Instruments OPA551 Datasheet HTML 7Page - Texas Instruments OPA551 Datasheet HTML 8Page - Texas Instruments OPA551 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
SBOS100A – JULY 1999 – REVISED OCTOBER 2003
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1999-2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
OPA551
OPA552
High-Voltage, High-Current
OPERATIONAL AMPLIFIERS
DESCRIPTION
The OPA551 and OPA552 are low cost op amps with high-
voltage (60V) and high-current (200mA) capability.
The OPA551 is unity-gain stable and features high slew rate
(15V
µs) and wide bandwidth (3MHz). The OPA552 is
optimized for gains of 5 or greater, and offers higher speed
with a slew rate of 24V/
µs and a bandwidth of 12MHz. Both
are suitable for telephony, audio, servo, and test applications.
These laser-trimmed, monolithic integrated circuits provide
excellent low-level accuracy along with high output swing.
High performance is maintained as the amplifier swings to
its specified limits.
The OPA551 and OPA552 are internally protected against
over-temperature conditions and current overloads. The
thermal shutdown indicator “flag” provides a current output
to alert the user when thermal shutdown has occurred.
The OPA551 and OPA552 are available in DIP-8 and
SO-8 packages, as well as a DDPAK-7 surface-mount
plastic power package. They are specified for operation
over the extended industrial temperature range, –40
°C to
+125
°C.
FEATURES
q WIDE SUPPLY RANGE:
±4V to ±30V
q HIGH OUTPUT CURRENT: 200mA Continuous
q LOW NOISE: 14nV/
√Hz
q FULLY PROTECTED:
Thermal Shutdown
Output Current-Limited
q THERMAL SHUTDOWN INDICATOR
q WIDE OUTPUT SWING: 2V From Rail
q FAST SLEW RATE:
OPA551: 15V/
µs
OPA552: 24V/
µs
q WIDE BANDWIDTH:
OPA551: 3MHz
OPA552: 12MHz
q PACKAGES: DIP-8, SO-8, or DDPAK-7
OPA551
OPA5
51
OPA5
51
APPLICATIONS
q TELEPHONY
q TEST EQUIPMENT
q AUDIO AMPLIFIERS
q TRANSDUCER EXCITATION
q SERVO DRIVERS
1
2
3
4
8
7
6
5
Flag
V+
Out
V–
V–
–In
+In
V–
OPA551, OPA552
SO-8 (U)
1
2
3
4
8
7
6
5
Flag
V+
Out
NC
NC
–In
+In
V–
OPA551, OPA552
DIP-8 (P)
NOTE: Tab is
connected to
V– supply.
NC
V–
V+
Out
+In
–In
123 4 5 6
Flag
7
DDPAK-7 Surface-Mount (F)
OPA551, OPA552


Similar Part No. - OPA551

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA551 BURR-BROWN-OPA551 Datasheet
202Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA551 TI-OPA551 Datasheet
1Mb / 36P
[Old version datasheet]   High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
OPA551 TI-OPA551 Datasheet
1,019Kb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551 TI1-OPA551 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551 TI1-OPA551 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
More results

Similar Description - OPA551

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA551 TI1-OPA551 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
logo
Burr-Brown (TI)
OPA551 BURR-BROWN-OPA551 Datasheet
202Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA551FAKTWT TI1-OPA551FAKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551FAKTWT TI-OPA551FAKTWT Datasheet
1,019Kb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551 TI1-OPA551_16 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
logo
Burr-Brown (TI)
3572AM BURR-BROWN-3572AM Datasheet
489Kb / 6P
   High Current - High Power OPERATIONAL AMPLIFIERS
logo
Texas Instruments
3580 TI1-3580 Datasheet
2Mb / 6P
[Old version datasheet]   High Voltage OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com