Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA552FAKTWTG3 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA552FAKTWTG3
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA552FAKTWTG3 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA552FAKTWTG3 Datasheet HTML 4Page - Texas Instruments OPA552FAKTWTG3 Datasheet HTML 5Page - Texas Instruments OPA552FAKTWTG3 Datasheet HTML 6Page - Texas Instruments OPA552FAKTWTG3 Datasheet HTML 7Page - Texas Instruments OPA552FAKTWTG3 Datasheet HTML 8Page - Texas Instruments OPA552FAKTWTG3 Datasheet HTML 9Page - Texas Instruments OPA552FAKTWTG3 Datasheet HTML 10Page - Texas Instruments OPA552FAKTWTG3 Datasheet HTML 11Page - Texas Instruments OPA552FAKTWTG3 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
OPA551, OPA552
8
SBOS100A
www.ti.com
TYPICAL PERFORMANCE CURVES (Cont.)
At TJ = +25°C, VS = ±30V and RL = 3Ω, unless otherwise noted.
All temperatures are junction temperatures unless otherwise noted. Refer to the Applications Information section to calculate junction temperatures from ambient
temperatures for a specific configuration.
SMALL-SIGNAL STEP RESPONSE
OPA552, G = 5, CL = 100pF
Time (1
µs/div)
SMALL-SIGNAL STEP RESPONSE
OPA551, G = –1, CL = 1000pF
Time (1
µs/div)
LARGE-SIGNAL STEP RESPONSE
OPA552, G = 5, CL = 100pF
Time (1
µs/div)
SMALL-SIGNAL STEP RESPONSE
OPA551, G = 1, CL = 100pF
Time (1
µs/div)
LARGE-SIGNAL STEP RESPONSE
OPA551, G = 1, CL = 100pF
Time (1
µs/div)
60
50
40
30
20
10
0
0.01
1
0.1
10
Load Capacitance (nF)
SMALL-SIGNAL OVERSHOOT vs LOAD CAPACITANCE
OPA551, G = 1
OPA551
G = –2
OPA551
G = –1
OPA552
G = –4
OPA552
G = –6
OPA552, G = –8
OPA552
OPA552
OPA551
OPA551
OPA551


Similar Part No. - OPA552FAKTWTG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA552FAKTWTG3 TI-OPA552FAKTWTG3 Datasheet
1,019Kb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA552FAKTWTG3 TI1-OPA552FAKTWTG3 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
OPA552FAKTWTG3 TI1-OPA552FAKTWTG3 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
More results

Similar Description - OPA552FAKTWTG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA551 TI1-OPA551 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
logo
Burr-Brown (TI)
OPA551 BURR-BROWN-OPA551 Datasheet
202Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA551FAKTWT TI1-OPA551FAKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551FAKTWT TI-OPA551FAKTWT Datasheet
1,019Kb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551 TI1-OPA551_16 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
logo
Burr-Brown (TI)
3572AM BURR-BROWN-3572AM Datasheet
489Kb / 6P
   High Current - High Power OPERATIONAL AMPLIFIERS
logo
Texas Instruments
3580 TI1-3580 Datasheet
2Mb / 6P
[Old version datasheet]   High Voltage OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com