Electronic Components Datasheet Search |
|
6-104068-5 Datasheet(PDF) 58 Page - Tyco Electronics |
|
6-104068-5 Datasheet(HTML) 58 Page - Tyco Electronics |
58 / 100 page 58 Catalog 82012 Dimensions are shown for Dimensions are in inches Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 4-12 reference purposes only. and millimeters unless Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject otherwise specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 Ribbon Cable Interconnect Solutions DIP Plugs, .100 x .100 [2.54 x 2.54] Centers Housing Assembly with Cover (Preassembled) Material and Finish Housing and Cover — Black thermoplastic, UL 94V-0 rated Contacts — Phosphor bronze, plated .000005 [0.000127] min. gold in termi- nation area, .000100 [0.00254] min. tin on solder tails, both over .000050 [0.00127] nickel on entire contact Contact Design — Flat, tuning fork style IDC Related Product Data Application Tooling — pages 70-74 Technical Documents Product Specification 108-1538 DIP Plug Instruction Sheets Instructional material covering operation, setup, maintenance, repair, etc. is included with each machine, tool or die set. If this material is required prior to receiving your tooling, call TE at the numbers listed below for the applicable documents. Mateable Connectors — For Connectors without Retention Legs — .100 x .100 DIP Sockets C .100 [2.54] .035 [0.89] Dia. (After Plating) *Height of connector after termination is .253 [6.43] ref. .278 [7.06] .396* [10.06] .013 [0.33] .113 [2.87] .156 [3.96] .019 [0.48] B C C A A .050 [1.27] .050 [1.27] .050 [1.27] .100 [2.54] No. of Dimensions DIP Plugs With Retention Pos. ABC (Preassembled) Legs .450 .680 .400 10 11.43 17.27 10.16 2-746610-1 1-111382-4 .650 .880 .600 14 16.51 22.35 15.24 2-746610-2 — .750 .980 .700 16 19.05 24.89 17.78 1-746610-4 1-111382-6 .950 1.180 .900 20 24.13 29.97 22.86 1-746610-5 1-111382-7 1.150 1.380 1.100 24 29.21 35.05 27.94 2-746610-3 — 1.250 1.480 1.200 26 31.75 37.59 30.48 1-746610-6 1-111382-8 1.450 1.680 1.400 30 36.83 42.67 35.56 1-746610-7 — 1.650 1.880 1.600 34 41.91 47.75 40.64 1-746610-8 1-111382-9 1.950 2.180 1.900 40 49.53 55.37 48.26 1-746610-9 — 2.150 2.380 2.100 44 54.61 60.45 53.34 2-746610-6 — 2.450 2.680 2.400 50 62.23 68.07 60.96 2-746610-0 2-111382-0 2.950 3.180 2.900 60 74.93 80.77 73.66 2-746610-4 — 3.150 3.380 3.100 64 80.01 85.85 78.74 2-746610-5 — Notes: All plug kits include a housing assembly and cover (preassembled). All part numbers are RoHS compliant. PCB Layout .100 [2.54] .100 [2.54] .100 [2.54] |
Similar Part No. - 6-104068-5 |
|
Similar Description - 6-104068-5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |