Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6-104068-1 Datasheet(PDF) 14 Page - Tyco Electronics

Part # 6-104068-1
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6-104068-1 Datasheet(HTML) 14 Page - Tyco Electronics

Back Button 6-104068-1 Datasheet HTML 10Page - Tyco Electronics 6-104068-1 Datasheet HTML 11Page - Tyco Electronics 6-104068-1 Datasheet HTML 12Page - Tyco Electronics 6-104068-1 Datasheet HTML 13Page - Tyco Electronics 6-104068-1 Datasheet HTML 14Page - Tyco Electronics 6-104068-1 Datasheet HTML 15Page - Tyco Electronics 6-104068-1 Datasheet HTML 16Page - Tyco Electronics 6-104068-1 Datasheet HTML 17Page - Tyco Electronics 6-104068-1 Datasheet HTML 18Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 100 page
background image
14
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ultra ATA Bus Connectors, .025 [0.64] Centerline Ribbon Cable (Continued)
Ribbon Cable Interconnect Solutions
Ground
Bus Bar
Max.
Signal
Contacts
Contact
Optional Center*
Polarizer Bar
Position 1
Position 1
Position 1
Cover
Housing
Pos. No. 1
Indicator
.420
[10.67]
.492
[12.50]
Ref.
.610
[15.49]
.240
[6.10]
2.186
[55.52]
1.90
[48.26]
.100
[2.54]
.100
[2.54]
“System” Board
Connector
“Slave”
Connector
“Master” or
“Primary”
Connector
Configuration A
“System” Board
Connector
“Slave”
Connector
“Master” or
“Primary”
Connector
Configuration B
Terminated View
Color Coded
Conductor No. 1
Pin 34
Conductor Cut
per SFF-8049
Related Product Data
Strain Relief — Part Number 499252-
1
Mateable Headers — page 15
Material & Finish
Housing and Cover —
Thermoplastic, UL 94 V-0 rated, color
per table
Contacts — Phosphor bronze, plated
gold per table on mating end, .000050
[0.00127]min. tin in wire termination
area, over .000050 [0.00127] min nickel
on entire contact.
Technical Documents
Product Specification
108-1740
Application Specification
114-40056
See Application Specification for
termination tooling.
Accessories
Strain Relief — page 68
Keying Plug — page 64
Pull Loops — page 66
Pull Tabs — page 63
Circuit 20
Molded Shut
*Center & Military Polarized
Military Polarized
Connector Type
15µ" Gold
Housing
Cover
15µ" Gold
Housing
Cover
Color
Color
Color
Color
“System” Board
1658619-2
Blue
Black
1658618-2
Blue
Black
“Primary” or “Master”
1658619-1
Black
Black
1658618-1
Black
Black
“Slave”
1658619-3
Gray
Black
1658618-3
Gray
Black
Notes: 1. All connectors are “ODD GROUND” configuration, ie. all odd cable conductors are grounded. “EVEN GROUND” connectors are not available.
See Customer Drawings for detailed electrical connection descriptions.
2. All part numbers are RoHS compliant.


Similar Part No. - 6-104068-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-104068-1 MACOM-6-104068-1 Datasheet
173Kb / 1P
   HEADER ASSEMBLY, VERTICAL SHROUDED, DOUBLE ROW W/SIDE & END LATCHES, AMPMODU System 50
6-104068-1 MACOM-6-104068-1 Datasheet
173Kb / 1P
   HEADER ASSEMBLY, VERTICAL SHROUDED
6-104068-1 MACOM-6-104068-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104068-1 MACOM-6-104068-1 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
6-104068-1 MACOM-6-104068-1 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 6-104068-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-1658526-3 MACOM-2-1658526-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com