Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-111196-3 Datasheet(PDF) 56 Page - Tyco Electronics

Part # 2-111196-3
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-111196-3 Datasheet(HTML) 56 Page - Tyco Electronics

Back Button 2-111196-3 Datasheet HTML 52Page - Tyco Electronics 2-111196-3 Datasheet HTML 53Page - Tyco Electronics 2-111196-3 Datasheet HTML 54Page - Tyco Electronics 2-111196-3 Datasheet HTML 55Page - Tyco Electronics 2-111196-3 Datasheet HTML 56Page - Tyco Electronics 2-111196-3 Datasheet HTML 57Page - Tyco Electronics 2-111196-3 Datasheet HTML 58Page - Tyco Electronics 2-111196-3 Datasheet HTML 59Page - Tyco Electronics 2-111196-3 Datasheet HTML 60Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 100 page
background image
56
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Note: All part numbers are RoHS compliant.
DIP Plugs, .100 x .100 [2.54 x 2.54] Centers, 609 Series
A
B
.319
[8.1]
Before
Crimping
.280
[7.1]
.100
[2.54]
.100
[2.54]
.100
[2.54]
.008 x .024
[0.2 x 0.6]
Dimensions
Part Numbers
No.of
TE Connectivity
T&B
Pos.
AB
(Reference Only)
6
.512
.200
1437006-4
609-0653
13.00
5.08
10
.713
.400
1437006-7
609-1053
18.11
10.16
14
.913
.600
1-1437006-0
609-1453
23.19
15.24
16
1.010
.700
1-1437006-3
609-1653
25.65
17.78
20
1.213
.900
1-1437006-6
609-2053
30.81
22.86
26
1.512
1.200
2-1437006-1
609-2653
38.40
30.48
34
1.913
1.600
2-1437006-4
609-3453
48.59
40.64
Note: Order by TE Part Number only. All part numbers listed above are found
on TE customer drawing 1437006-4.
Technical Data
Color — Blue
Contact Material — Beryllium copper
Contact Plating — .000100-.000200
[0.00254-0.00508] tin over .000050
[0.00127] nickel underplate.
Contact Design — Dual slot, barrel
shaped (“tulip”) IDC with solder tail
Housing Material — Glass-filled
thermoplastic, UL 94V-0 rated
Cable — 28-30 AWG solid or stranded,
PVC insulated ribbon cable
Mateable Connectors —
.100 x .100 DIP sockets
Application Tooling
Die —
1-1437000-3 [T&B# 779-2153 ref.]
Handtool —
1437000-6 [T&B# 779-2100 ref.]
Bench Press (Manual) —
1437001-4 [T&B# 779-3200 ref.]
Bench Press Platen —
5-1437000-6 [T&B# 779-3130 ref.]
Bench Press Base Plate —
6-1437000-7 [T&B# 779-3153 ref.]


Similar Part No. - 2-111196-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-111196-3 MACOM-2-111196-3 Datasheet
287Kb / 2P
   AMP-LATCH SYSTEM 50, RECEPTACLE ASSEMBLY
2-111196-3 MACOM-2-111196-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-111196-3 MACOM-2-111196-3 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 2-111196-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-1658526-3 MACOM-2-1658526-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com