Electronic Components Datasheet Search |
|
3-111196-2 Datasheet(PDF) 97 Page - Tyco Electronics |
|
3-111196-2 Datasheet(HTML) 97 Page - Tyco Electronics |
97 / 100 page 97 Catalog 82012 Dimensions are shown for Dimensions are in inches Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 4-12 reference purposes only. and millimeters unless Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject otherwise specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 Ribbon Cable Interconnect Solutions Cable Solutions .100 [2.54] Centerline, IDC Ribbon Cable, PVC Insulation Product Specifications Voltage Rating — 300 Volts UL Recognized — AWM Style 2651 CSA — Available on request No. of Dimensions Part Conductors AB C Number 24 AWG 7/32 Tinned Copper 2 .100 [2.54] .200 [5.08] .044 [1.12] 57746-2 5 .400 [10.16] .500 [12.70] .044 [1.12] 57746-5 10 .900 [22.86] 1.000 [25.40] .044 [1.12] 1-57746-0 15 1.400 [35.56] 1.500 [38.10] .044 [1.12] 1-57746-5 20 1.900 [48.26] 2.000 [50.80] .044 [1.12] 2-57746-0 25 2.400 [60.96] 2.500 [63.50] .044 [1.12] 2-57746-5 28 2.700 [68.58] 2.800 [71.12] .044 [1.12] 2-57746-8 26 AWG 7/34 Tinned Copper 2 .100 [2.54] .200 [5.08] .039 [0.99] 57744-2 5 .400 [10.16] .500 [12.70] .039 [0.99] 57744-5 10 .900 [22.86] 1.000 [25.40] .039 [0.99] 1-57744-0 15 1.400 [35.56] 1.500 [38.10] .039 [0.99] 1-57744-5 20 1.900 [48.26] 2.000 [50.80] .039 [0.99] 2-57744-0 25 2.400 [60.96] 2.500 [63.50] .039 [0.99] 2-57744-5 28 2.700 [68.58] 2.800 [71.12] .039 [0.99] 2-57744-8 26 AWG 7/34 Overcoated Tinned Copper 2 .100 [2.54] .200 [5.08] .039 [0.99] 57745-2 5 .400 [10.16] .500 [12.70] .039 [0.99] 57745-5 10 .900 [22.86] 1.000 [25.40] .039 [0.99] 1-57745-0 15 1.400 [35.56] 1.500 [38.10] .039 [0.99] 1-57745-5 20 1.900 [48.26] 2.000 [50.80] .039 [0.99] 2-57745-0 25 2.400 [60.96] 2.500 [63.50] .039 [0.99] 2-57745-5 28 2.700 [68.58] 2.800 [71.12] .039 [0.99] 2-57745-8 Other Conductor Counts Available on Request. Contact MADISON CABLE (1-877-MADISON), a Division of TE, for engineer- ing questions or for order placement of this cable. No. of Dimensions Part Conductors AB C Number 24 AWG 7/32 Overcoated Tinned Copper 2 .100 [2.54] .200 [5.08] .044 [1.12] 57747-2 5 .400 [10.16] .500 [12.70] .044 [1.12] 57747-5 10 .900 [22.86] 1.000 [25.40] .044 [1.12] 1-57747-0 15 1.400 [35.56] 1.500 [38.10] .044 [1.12] 1-57747-5 20 1.900 [48.26] 2.000 [50.80] .044 [1.12] 2-57747-0 25 2.400 [60.96] 2.500 [63.50] .044 [1.12] 2-57747-5 28 2.700 [68.58] 2.800 [71.12] .044 [1.12] 2-57747-8 22 AWG 7/30 Tinned Copper 2 .100 [2.54] .200 [5.08] .051 [1.30] 57748-2 5 .400 [10.16] .500 [12.70] .051 [1.30] 57748-5 10 .900 [22.86] 1.000 [25.40] .051 [1.30] 1-57748-0 15 1.400 [35.56] 1.500 [38.10] .051 [1.30] 1-57748-5 20 1.900 [48.26] 2.000 [50.80] .051 [1.30] 2-57748-0 25 2.400 [60.96] 2.500 [63.50] .051 [1.30] 2-57748-5 28 2.700 [68.58] 2.800 [71.12] .051 [1.30] 2-57748-8 Edge Mark Insulation — Gray Flame Retardant Flexible PVC .007 [0.17] Minimum Insulation Thickness Temperature Rating — –20°C to +105°C Flammability — UL: VW1 Typ. B C A .050 [1.27] .100 [2.54] Typ. .010 [0.25] |
Similar Part No. - 3-111196-2 |
|
Similar Description - 3-111196-2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |