Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-111196-1 Datasheet(PDF) 59 Page - Tyco Electronics

Part # 2-111196-1
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-111196-1 Datasheet(HTML) 59 Page - Tyco Electronics

Back Button 2-111196-1 Datasheet HTML 55Page - Tyco Electronics 2-111196-1 Datasheet HTML 56Page - Tyco Electronics 2-111196-1 Datasheet HTML 57Page - Tyco Electronics 2-111196-1 Datasheet HTML 58Page - Tyco Electronics 2-111196-1 Datasheet HTML 59Page - Tyco Electronics 2-111196-1 Datasheet HTML 60Page - Tyco Electronics 2-111196-1 Datasheet HTML 61Page - Tyco Electronics 2-111196-1 Datasheet HTML 62Page - Tyco Electronics 2-111196-1 Datasheet HTML 63Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 100 page
background image
59
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
DIP Plugs, .100 x .300 [2.54 x 7.62] Centers
No. of
Dimensions
Contact
DIP Plugs
Pos.
ABC
Plating
(Preassembled)
.350
.488
.300
Duplex1
746611-7
8
8.89
12.40
7.62
Duplex2
Duplex3
5746613-1
.650
.788
.600
Duplex1
746611-8
14
16.51
20.02
15.24
Duplex2
5746612-2
Duplex3
5746613-2
.750
.888
.700
Duplex1
746611-6
16
19.05
22.56
17.78
Duplex2
5746612-3
Duplex3
5746613-3
.850
.988
.800
Duplex1
746611-9
18
21.59
25.10
20.32
Duplex2
Duplex3
.950
1.088
.900
Duplex1
1-746611-0
20
24.13
27.64
22.86
Duplex2
Duplex3
1
.000030 [0.00076] gold on leg
2
.000015 [0.00038] gold on leg
3
.000100 [0.00254] tin on leg
Note: All part numbers are RoHS compliant.
Material and Finish
Housing and Cover — Black thermo-
plastic, UL 94V-0 rated
Contacts — Phosphor bronze, plated
.000050 [0.00127] nickel underplate on
entire contact, .000005 [0.000127] min.
gold on termination (IDC) end. See table
for leg finish.
Contact Design — Flat, tuning fork
style IDC
Related Product Data
Application Tooling — pages 70-74
Technical Documents
Product Specification
108-1538 DIP Plug
Ribbon Cable Requirements —
28 AWG stranded or 26, 28 and 30 AWG
solid wire
Housing Assembly with
Cover (Preassembled)
Recommended Mounting
Hole Pattern
(for .094-.125 [2.39-3.18]
thick pc boards)
.300
[7.62]


Similar Part No. - 2-111196-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-111196-1 MACOM-2-111196-1 Datasheet
287Kb / 2P
   AMP-LATCH SYSTEM 50, RECEPTACLE ASSEMBLY
2-111196-1 MACOM-2-111196-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-111196-1 MACOM-2-111196-1 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 2-111196-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-1658526-3 MACOM-2-1658526-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com