Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-111196-1 Datasheet(PDF) 80 Page - Tyco Electronics

Part # 3-111196-1
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-111196-1 Datasheet(HTML) 80 Page - Tyco Electronics

Back Button 3-111196-1 Datasheet HTML 76Page - Tyco Electronics 3-111196-1 Datasheet HTML 77Page - Tyco Electronics 3-111196-1 Datasheet HTML 78Page - Tyco Electronics 3-111196-1 Datasheet HTML 79Page - Tyco Electronics 3-111196-1 Datasheet HTML 80Page - Tyco Electronics 3-111196-1 Datasheet HTML 81Page - Tyco Electronics 3-111196-1 Datasheet HTML 82Page - Tyco Electronics 3-111196-1 Datasheet HTML 83Page - Tyco Electronics 3-111196-1 Datasheet HTML 84Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 100 page
background image
80
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Note: All part numbers are RoHS compliant.
IDC Low Profile Ejection Style Pin Headers with Die Cast Ejection Latches,
Military and Center Polarized, .100 x .100 [2.54 x 2.54] Centerlines
Material and Finish
Housing — Glass-filled PBT,
UL 94V-0 rated, black
Posts — Brass or phosphor bronze,
plated as follows:
Plating — Duplex plated, gold flash
over palladium-nickel, .000030
[0.00076] min. total on mating surfaces,
.000100 [0.00254] min. tin on solder
area, with entire post underplated
.000050 [0.00127] min. nickel
or .000030 [0.00076] min. gold on
mating surfaces, .000100 [0.00254]
min. tin on solder area, with entire post
underplated .000050 [0.00127] min.
nickel
Related Product Data
Electrical Characteristics —
page 75
Mateable Connectors —
Novo Receptacles and Female
Socket Connectors, 609, 622 and
636 Series — pages 48-55
Vertical PCB Mount
.025 [0.64] Square Post
(Mating End)
Part Numbers
No. of
Dimensions
Pin Header with Short Latches
Pin Header with Long Latches
Pos.
AB
(Mates with Receptacles
(Mates with Receptacles
without Strain Relief)
with Strain Relief)
10
.800
.400
1761608-3
1761606-3
20.32
10.16
14
1.000
.600
1761608-5
1761606-5
25.40
15.24
16
1.100
.700
1761608-6
1761606-6
27.94
17.78
20
1.300
.900
1761608-7
1761606-7
33.02
22.86
24
1.500
1.100
1761608-8
1761606-8
38.10
27.94
26
1.600
1.200
1761608-9
1761606-9
40.64
30.48
30
1.800
1.400
1-1761606-0
45.72
35.56
34
2.000
1.600
1-1761608-1
1-1761606-1
50.80
40.64
40
2.300
1.900
1-1761608-3
1-1761606-3
58.42
48.26
50
2.800
2.400
1-1761608-5
1-1761606-5
71.12
60.96
60
3.300
2.900
1-1761608-6
1-1761606-6
83.82
73.66
B
A
.362
[9.19]
.254 ± .006
[6.45 ± 0.15]
.025 ± .001
[0.64 ± 0.03]
.025 ± .001
[0.64 ± 0.03]
.102 ± .015
[2.59 ± 0.38]
.404 ± .006
[10.26 ± 0.15]
Ø .035 ± .003
[0.89 ± 0.08]
Position #1 Indicator
Latch
Housing
Post
Max.
.888 ± .012
[22.56 ± 0.30]
For Long
Eject Latch
.728 ± .012
[18.49 ± 0.30]
For Short
Eject Latch
.100
[2.54]
.100
[2.54]
.100
[2.54]
Recommended PC Board Layout
Ø .031
[0.79]
Pin 1
Pin 2
.237 ± .007
[6.02 ± 0.18]
Latching
Height
.575
[14.61]
.427
[10.85]
Short
Long


Similar Part No. - 3-111196-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-111196-1 MACOM-3-111196-1 Datasheet
287Kb / 2P
   AMP-LATCH SYSTEM 50, RECEPTACLE ASSEMBLY
3-111196-1 MACOM-3-111196-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
3-111196-1 MACOM-3-111196-1 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 3-111196-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-1658526-3 MACOM-2-1658526-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com